Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008F-R10M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1008F-R10M
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1008F-R10M Datasheet(HTML) 1 Page - Frontier Electronics.

  1008F-R10M Datasheet HTML 1Page - Frontier Electronics. 1008F-R10M Datasheet HTML 2Page - Frontier Electronics. 1008F-R10M Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD wire wound Ferrite Chip Inductor: P/N 1008F-series
Rev. A
Jan. 01, 2006. Page: 1 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors--1008F series
A.
Electrical specifications:
Color Code
Part
No.
L
(uH)
Tol.
Q
(min.)
SRF
(min.)
(MHz)
DCR
(
Ω)
(Max)
I rms.
(mA)
1st
2nd
3rd
1008F-47N_
0.047@50MHZ
K, J
50@50MHZ
1800
0.045
650
YELLOW
VIOLET
BLACK
1008F-68N_
0.068@50MHZ
K, J
50@50MHZ
1800
0.045
650
BLUE
GRAY
BLACK
1008F-82N_
0.082@50MHZ
K, J
50@50MHZ
1800
0.035
1000
GRAY
RED
BLACK
1008F-R10_
0.100@50MHZ
K, J
50@50MHZ
1800
0.196
700
BROWN
BLACK
BROWN
1008F-R18_
0.180@50MHZ
K, J
50@50MHZ
1000
0.290
700
BROWN
GRAY
BROWN
1008F-R20_
0.200@50MHZ
K, J
50@50MHZ
900
0.285
700
RED
BLACK
BROWN
1008F-R24_
0.240@50MHZ
K, J
50@50MHZ
900
0.135
700
RED
YELLOW
BROWN
1008F-R56_
0.560@7.9MHZ
K, J
40@50MHZ
460
0.300
700
GREEN
BLUE
BROWN
1008F-R68
_ 0.680@7.9MHZ
K, J
27@50MHZ
400
0.320
700
BLUE
GRAY
BROWN
1008F-1R0
_
1.0@50MHZ
K, J
50@50MHZ
380
0.260
650
BROWN
BLACK
RED
1008F-1R2_
1.20@7.9MHz
K, J
48@50MHz
210
0.680
650
BROWN
RED
RED
1008F-1R5_
1.50@7.9MHz
K, J
41@50MHz
190
0.760
630
BROWN
GREEN
RED
1008F-1R8_
1.80@7.9MHz
K, J
39@50MHz
170
0.840
600
BROWN
GRAY
RED
1008F-2R2_
2.20@7.9MHz
K, J
34@50MHz
150
1.10
520
RED
RED
RED
1008F-2R7_
2.70@7.9MHz
K, J
34@50MHz
135
1.28
490
RED
VIOLET
RED
1008F-3R3_
3.30@7.9MHz
K, J
32@50MHz
120
1.46
450
ORANGE ORANGE
RED
1008F-3R9_
3.90@7.9MHz
K, J
32@7.9MHz
105
1.56
420
ORANGE
WHITE
RED
1008F-4R7_
4.70@7.9MHz
K, J
31@7.9MHz
90
1.68
400
YELLOW
VIOLET
RED
1008F-5R6_
5.60@7.9MHz
K, J
31@7.9MHz
80
1.82
380
GREEN
BLUE
RED
1008F-6R8_
6.80@7.9MHz
K, J
31@7.9MHz
70
2.00
360
BLUE
GRAY
RED
1008F-8R2_
8.20@7.9MHz
K, J
23@7.9MHz
65
2.65
330
GRAY
RED
RED
1008F-100_
10.0@7.9MHz
K, J
31@7.9MHz
60
2.95
300
BROWN
BLACK
ORANGE
1008F-120_
12.0@7.9MHZ
K, J
30@7.9MHZ
50
3.35
270
BROWN
RED
ORANGE
1008F-150_
15.0@7.9MHZ
K, J
38@7.9MHZ
50
3.04
250
BROWN
GREEN
ORANGE
1008F-220_
22.0@2.52MHZ
K, J
10@2.52MHZ
10
2.80
125
RED
RED
ORANGE


Similar Part No. - 1008F-R10M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008F-R10 FRONTIER-1008F-R10 Datasheet
66Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
More results

Similar Description - 1008F-R10M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F FRONTIER-0805F Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
66Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1210F-10N FRONTIER-1210F-10N Datasheet
108Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
214Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com