Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6504 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6504 Datasheet HTML 9Page - Torex Semiconductor XC6504 Datasheet HTML 10Page - Torex Semiconductor XC6504 Datasheet HTML 11Page - Torex Semiconductor XC6504 Datasheet HTML 12Page - Torex Semiconductor XC6504 Datasheet HTML 13Page - Torex Semiconductor XC6504 Datasheet HTML 14Page - Torex Semiconductor XC6504 Datasheet HTML 15Page - Torex Semiconductor XC6504 Datasheet HTML 16Page - Torex Semiconductor XC6504 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13/32
XC6504
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Unless otherwise stated, Ta=25℃, VCE=VIN, IOUT=1mA, CIN=CL=open, VIN is below.
VOUT(T)<2.5V : VIN=3.5V
VOUT(T)≧2.5V : VIN=VOUT(T)+1.0V
(3) Dropout Voltage vs. Output Current
(4) Supply Current vs. Input Voltage
XC6504x281xR
0
100
200
300
400
500
600
700
800
0
50
100
150
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
XC6504x421xR
0
100
200
300
400
500
600
700
800
0
50
100
150
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
XC6504x121xR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
123
456
Input Voltage: VIN [V]
Ta=-40℃
Ta=25℃
Ta=85℃
IOUT=0mA
XC6504x181xR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
45
Input Voltage: VIN [V]
6
Ta=-40℃
Ta=25℃
Ta=85℃
IOUT=0mA
XC6504x281xR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
123
456
Input Voltage: VIN [V]
Ta=-40℃
Ta=25℃
Ta=85℃
IOUT=0mA
XC6504x421xR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
2345
Input Voltage: VIN [V]
6
Ta=-40℃
Ta=25℃
Ta=85℃
IOUT=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com