Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPLU300N04S4-R7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPLU300N04S4-R7
Description  OptiMOS-T2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPLU300N04S4-R7 Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPLU300N04S4-R7 Datasheet HTML 1Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 2Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 3Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 4Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 5Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 6Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 7Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 8Page - Infineon Technologies AG IPLU300N04S4-R7 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPLU300N04S4-R7
9 Typ. gate threshold voltage
10 Typ. capacitances
V GS(th) = f(T j); V GS = V DS
C = f(V DS); V GS = 0 V; f = 1 MHz
parameter: I D
11 Typical forward diode characteristicis
12 Typ. avalanche characteristics
IF = f(VSD)
I AS = f(t AV)
parameter: T j
parameter: Tj(start)
25 °C
100 °C
150 °C
1
10
100
1000
1
10
100
1000
t
AV [µs]
25 °C
175 °C
100
101
102
103
104
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD [V]
Ciss
Coss
Crss
102
103
104
105
0
5
10
15
20
25
30
V
DS [V]
230 µA
2300 µA
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T
j [°C]
Rev. 1.0
page 6
2013-11-12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com