Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805F-R68J Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0805F-R68J
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0805F-R68J Datasheet(HTML) 1 Page - Frontier Electronics.

  0805F-R68J Datasheet HTML 1Page - Frontier Electronics. 0805F-R68J Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD wire wound Ferrite Chip Inductor: P/N 0805F-series
Rev. A
Mar. 27, 2007. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors—0805F series
A.
Electrical specifications:
Part
No.
L
(uH)
Test Freq.
(MHz)
Percent
Tolerance
Q
(Min)
SRF (min)
(MHz)
DCR
(Max)
Ω
I rms.
(A)
Color
Code
0805F-78N_
0.078
7.9
K
, J
19
1440
0.042
2.0
Black
0805F-R11_
0.110
7.9
K
, J
19
1400
0.050
2.0
Brown
0805F-R47_
0.47
7.9
K
, J
19
500
0.310
0.720
Red
0805F-R68_
0.68
7.9
K
, J
20
400
0.460
0.590
Orange
0805F-1R0_
1.0
7.9
K
, J
20
340
0.690
0.500
Yellow
0805F-1R5_
1.5
7.9
K
, J
20
275
0.830
0.490
Green
0805F-1R8_
1.8
7.9
K
, J
20
246
1.15
0.410
Blue
0805F-2R2_
2.2
7.9
K
, J
20
106
1.28
0.365
Violet
0805F-2R7_
2.7
7.9
K
, J
20
105
1.48
0.350
Gray
0805F-3R3_
3.3
7.9
K
, J
20
83
1.57
0.330
White
0805F-3R9_
3.9
7.9
K
, J
20
52
1.70
0.300
Black
0805F-4R7_
4.7
7.9
K
, J
20
50
1.87
0.280
Brown
0805F-6R8_
6.8
7.9
K
, J
20
35
2.25
0.260
Red
0805F-8R2_
8.2
2.5
K
, J
18
27
2.55
0.250
Orange
0805F-100_
10
2.5
K
, J
18
21
3.45
0.200
Yellow
0805F-150_
15
2.5
K
, J
18
17
5.03
0.180
Green
0805F-220_
22
2.5
K
, J
18
13
6.18
0.150
Blue
0805F-270_
27
2.5
K
, J
15
11
11.04
0.120
Violet
B.
Dimensions: (Unit: mm)
SERIES
A (Max.)
B (Max.)
C (Max.)
D (Max.)
E
F
0805F
2.29
1.91
1.60
0.76
1.02
1.78
C.
Mechanical drawing:
D.
Color coding:
These parts are marked with single color dot. The dot represented inductance value shows on the table.
E.
Feature:
1.
P/N: 0805F-XXX_: 0805F: Size, “XXX”: Inductance, “_”: Tolerance.
2.
Tolerance: K: ± 10%, J: ± 5%.
3.
High Q at high frequency.
4.
High self-resonance frequency.
5.
For 15ºC Temperature Rise.
6.
Inductance & Q measured using the HP4291B
7.
SRF measured using the HP8720D or HP8753E.
8.
DCR measured using the 502BC.
9.
Operating temperature: -40ºC TO +85ºC.
10. Inductance and Current Range: From 0.078uH (2000mA)
∼27uH (120mA).
11. SRF: From 1440 MHz to 11 MHz.
12.
RoHS compliant.
F.
Applications:
Pagers.
Mobile communication units.
Portable telephone.
Hybrid.
Special specifications are available for customer’s requirement.
Identifier for 0603C & 0805C series.
Top view
Land Pattern
E
D
E
A
C
B
0.45
1.15
0.45


Similar Part No. - 0805F-R68J

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F-R68 FRONTIER-0805F-R68 Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
More results

Similar Description - 0805F-R68J

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F FRONTIER-0805F Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
66Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
1210F-10N FRONTIER-1210F-10N Datasheet
108Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
214Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com