Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC536DB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC536DB
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC536DB Datasheet(HTML) 2 Page - Texas Instruments

  CDC536DB Datasheet HTML 1Page - Texas Instruments CDC536DB Datasheet HTML 2Page - Texas Instruments CDC536DB Datasheet HTML 3Page - Texas Instruments CDC536DB Datasheet HTML 4Page - Texas Instruments CDC536DB Datasheet HTML 5Page - Texas Instruments CDC536DB Datasheet HTML 6Page - Texas Instruments CDC536DB Datasheet HTML 7Page - Texas Instruments CDC536DB Datasheet HTML 8Page - Texas Instruments CDC536DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
DETAILED DESCRIPTION OF OUTPUT CONFIGURATIONS
Output Configuration A
Output Configuration B
CDC536
SCAS378G – APRIL 1994 – REVISED JULY 2004
Unlike many products containing PLLs, the CDC536 does not require external RC networks. The loop filter for
the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDC536 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application of a
fixed-frequency, fixed-phase signal at CLKIN as well as following any changes to the PLL reference or feedback
signals. Such changes occur upon change of the select inputs, enabling the PLL via TEST, and upon enable of
all outputs via OE.
The CDC536 is characterized for operation from 0
°C to 70°C.
The voltage-controlled oscillator (VCO) in the CDC536 has a frequency range of 100 MHz to 200 MHz, twice the
operating frequency range of the CDC536 outputs. The output of the VCO is divided by two and by four to
provide reference frequencies with a 50% duty cycle of one-half and one-fourth the VCO frequency. The SEL0
and SEL1 inputs determine which of the two signals are buffered to each bank of device outputs.
One device output must be externally wired to FBIN to complete the PLL. The VCO operates such that the
frequency of this output matches that of the CLKIN signals. In the case that a VCO/2 output is wired to FBIN, the
VCO must operate at twice the CLKIN frequency, resulting in device outputs that operate at the same or one-half
the CLKIN frequency. If a VCO/4 output is wired to FBIN, the device outputs operate at the same or twice the
CLKIN frequency.
Output configuration A is valid when any output configured as a 1
× frequency output in Table 1 is fed back to the
FBIN input. The input frequency range for the CLKIN input is 50 MHz to 100 MHz when using output
configuration A. Outputs configured as 1/2
× outputs operate at half the CLKIN frequency, while outputs
configured as 1
× outputs operate at the same frequency as the CLKIN input.
Table 1. Output Configuration A
INPUTS
OUTPUTS
1/2
×
1
×
SEL
FREQUENCY
FREQUENCY
L
None
All
H
1Yn
2Yn
Output configuration B is valid when any output configured as a 1
× frequency output in Table 2 is fed back to
FBIN. The input frequency range for the CLKIN input is 25 MHz to 50 MHz when using output configuration B.
Outputs configured as 1
× outputs operate at the CLKIN frequency, while outputs configured as 2× outputs
operate at double the frequency of the CLKIN input.
Table 2. Output Configuration B
INPUTS
OUTPUTS
1
×
2
×
SEL
FREQUENCY
FREQUENCY
L
All
None
H
1Yn
2Yn
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com