Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1210F-R27 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1210F-R27
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1210F-R27 Datasheet(HTML) 1 Page - Frontier Electronics.

  1210F-R27 Datasheet HTML 1Page - Frontier Electronics. 1210F-R27 Datasheet HTML 2Page - Frontier Electronics. 1210F-R27 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Wire Wound Ferrite Chip Inductor: P/N 1210F-series
Rev. A
Jan. 01, 2006. Page: 1 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors—1210F series
A. Electrical specifications:
COLOR CODE
Part
No.
L
(uH)
Tolerance
Q
(Min.)
TEST FREQ.
(MHz)
SRF (min.)
(MHz)
DCR
Ω (Max)
I dc
(mA)
1st
1st
1st
1210F-10N
0.010
K, J
15
100
2500
0.13
450
Brown
Black
Black
1210F-12N
0.012
K, J
17
100
2300
0.14
450
Brown
Red
Black
1210F-15N
0.015
K, J
19
100
2100
0.16
450
Brown
Green
Black
1210F-18N
0.018
K, J
21
100
1900
0.18
450
Brown
Gray
Black
1210F-22N
0.022
K, J
23
100
1700
0.20
450
Red
Red
Black
1210F-27N
0.027
K, J
23
100
1500
0.22
450
Red
Violet
Black
1210F-33N
0.033
K, J
25
100
1400
0.24
450
Orange
Orange
Black
1210F-39N
0.039
K, J
25
100
1300
0.27
450
Orange
White
Black
1210F-47N
0.047
K, J
26
100
1200
0.30
450
Yellow
Violet
Black
1210F-56N
0.056
K, J
26
100
1100
0.33
450
Green
Blue
Black
1210F-68N
0.068
K, J
27
100
1000
0.36
450
Blue
Gray
Black
1210F-82N
0.082
K, J
27
100
900
0.40
450
Gray
Red
Black
1210F-R10
0.10
K, J
28
100
700
0.44
450
Brown
Black
Brown
1210F-R12
0.12
K, J
30
25.2
500
0.22
450
Brown
Red
Brown
1210F-R15
0.15
K, J
30
25.2
450
0.25
450
Brown
Green
Brown
1210F-R18
0.18
K, J
30
25.2
400
0.28
450
Brown
Gray
Brown
1210F-R22
0.22
K, J
30
25.2
350
0.32
450
Red
Red
Brown
1210F-R27
0.27
K, J
30
25.2
320
0.36
450
Red
Violet
Brown
1210F-R33
0.33
K, J
30
25.2
300
0.40
450
Orange
Orange
Brown
1210F-R39
0.39
K, J
30
25.2
250
0.45
450
Orange
White
Brown
1210F-R47
0.47
K, J
30
25.2
220
0.50
450
Yellow
Violet
Brown
1210F-R56
0.56
K, J
30
25.2
180
0.55
450
Green
Blue
Brown
1210F-R68
0.68
K, J
30
25.2
160
0.60
450
Blue
Gray
Brown
1210F-R82
0.82
K, J
30
25.2
140
0.65
450
Gray
Red
Brown
1210F-1R0
1.00
K, J
30
7.96
120
0.70
400
Brown
Black
Red
1210F-1R2
1.20
K, J
30
7.96
100
0.75
390
Brown
Red
Red
1210F-1R5
1.50
K, J
30
7.96
85
0.85
370
Brown
Green
Red
1210F-1R8
1.80
K, J
30
7.96
80
0.90
350
Brown
Gray
Red
1210F-2R2
2.20
K, J
30
7.96
75
1.00
320
Red
Red
Red
1210F-2R7
2.70
K, J
30
7.96
70
1.10
290
Red
Violet
Red
1210F-3R3
3.30
K, J
30
7.96
60
1.20
260
Orange
Orange
Red
1210F-3R9
3.90
K, J
30
7.96
55
1.30
250
Orange
White
Red
1210F-4R7
4.70
K, J
30
7.96
50
1.50
220
Yellow
Violet
Red
1210F-5R6
5.60
K, J
30
7.96
45
1.60
200
Green
Blue
Red
1210F-6R8
6.80
K, J
30
7.96
40
1.80
180
Blue
Gray
Red
1210F-8R2
8.20
K, J
30
7.96
35
2.00
170
Gray
Red
Red
1210F-100
10
K, J
30
2.52
30
2.10
150
Brown
Black
Orange
1210F-120
12
K, J
30
2.52
20
2.50
140
Brown
Red
Orange
1210F-150
15
K, J
30
2.52
20
2.80
130
Brown
Green
Orange
1210F-180
18
K, J
30
2.52
20
3.30
120
Brown
Gray
Orange
1210F-220
22
K, J
30
2.52
20
3.70
110
Red
Red
Orange
1210F-270
27
K, J
30
2.52
20
5.00
80
Red
Violet
Orange
1210F-330
33
K, J
30
2.52
17
5.60
70
Orange
Orange
Orange
1210F-390
39
K, J
30
2.52
16
6.40
65
Orange
White
Orange
1210F-470
47
K, J
30
2.52
15
7.00
60
Yellow
Violet
Orange
1210F-560
56
K, J
30
2.52
13
8.00
55
Green
Blue
Orange
1210F-680
68
K, J
30
2.52
12
9.00
50
Blue
Gray
Orange
1210F-820
82
K, J
30
2.52
11
10.0
45
Gray
Red
Orange
1210F-101
100
K, J
20
0.796
10
10.0
40
Brown
Black
Yellow
1210F-121
120
K, J
20
0.796
10
11.0
70
Brown
Red
Yellow
1210F-151
150
K, J
20
0.796
8
15.0
65
Brown
Green
Yellow
1210F-181
180
K, J
20
0.796
7
17.0
60
Brown
Gray
Yellow
1210F-221
220
K, J
20
0.796
7
21.0
50
Red
Red
Yellow
1210F-271
270
K, J
20
0.796
6
28.0
45
Red
Violet
Yellow
1210F-331
330
K, J
20
0.796
5
34.0
40
Orange
Orange
Yellow
1210F-391
390
K, J
20
0.796
5
42.0
35
Orange
White
Yellow
1210F-471
470
K, J
20
0.796
4
40.0
25
Yellow
Violet
Yellow


Similar Part No. - 1210F-R27

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210F FRONTIER-1210F Datasheet
121Kb / 5P
Tape and Reel Specifications
logo
WALSIN TECHNOLOGY CORPO...
1210F0R5A WALSIN-1210F0R5A Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
logo
Multicomp Pro
1210F0R5A MULTICOMP-1210F0R5A Datasheet
1Mb / 29P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
08/05/25 V1.0
1210F0R5A4R0CG MULTICOMP-1210F0R5A4R0CG Datasheet
1Mb / 28P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
12/05/25 V1.0
1210F0R5A4R0CT MULTICOMP-1210F0R5A4R0CT Datasheet
1Mb / 28P
General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
12/05/25 V1.0
More results

Similar Description - 1210F-R27

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F FRONTIER-0805F Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F FRONTIER-1008F Datasheet
66Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
NLC ETC2-NLC Datasheet
237Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
SQV ETC2-SQV Datasheet
323Kb / 4P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
1008F FRONTIER-1008F Datasheet
214Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com