Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10201PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD10201PCB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10201PCB Datasheet(HTML) 1 Page - Analog Devices

  AD10201PCB Datasheet HTML 1Page - Analog Devices AD10201PCB Datasheet HTML 2Page - Analog Devices AD10201PCB Datasheet HTML 3Page - Analog Devices AD10201PCB Datasheet HTML 4Page - Analog Devices AD10201PCB Datasheet HTML 5Page - Analog Devices AD10201PCB Datasheet HTML 6Page - Analog Devices AD10201PCB Datasheet HTML 7Page - Analog Devices AD10201PCB Datasheet HTML 8Page - Analog Devices AD10201PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
High Speed ADC USB FIFO Evaluation Kit
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Buffer memory board for capturing digital data
used with high speed ADC evaluation boards
to simplify evaluation
32 kB FIFO depth at 133 MSPS (upgradable)
Measures performance with ADC Analyzer™
Real-time FFT and time domain analysis
Analyzes SNR, SINAD, SFDR, and harmonics
Simple USB port interface (2.0)
Supporting ADCs with serial port interfaces (SPI®)
On-board regulator circuit, no power supply required
6 V, 2 A switching power supply included
Compatible with Windows® 98 (2nd ed.), Windows 2000,
Windows Me, and Windows XP
EQUIPMENT NEEDED
Analog signal source and antialiasing filter
Low jitter clock source
High speed ADC evaluation board and ADC data sheet
PC running Windows 98 (2nd ed.), Windows 2000,
Windows Me, or Windows XP
Latest version of ADC Analyzer
USB 2.0 port recommended (USB 1.1-compatible)
PRODUCT DESCRIPTION
The high speed ADC FIFO evaluation kit includes the latest
version of ADC Analyzer and a buffer memory board to capture
blocks of digital data from the Analog Devices high speed
analog-to-digital converter (ADC) evaluation boards. The FIFO
board is connected to the PC through a USB port and is used
with ADC Analyzer to quickly evaluate the performance of high
speed ADCs. Users can view an FFT for a specific analog input
and encode rate to analyze SNR, SINAD, SFDR, and harmonic
information.
The evaluation kit is easy to set up. Additional equipment needed
includes an Analog Devices high speed ADC evaluation board,
a signal source, and a clock source. Once the kit is connected
and powered, the evaluation is enabled instantly on the PC.
Two versions of the FIFO are available. The HSC-ADC-EVALB-
DC is used with multichannel ADCs and converters with demulti-
plexed digital outputs. The HSC-ADC-EVALB-SC evaluation
board is used with single-channel ADCs. See
Table 1 to choose
the FIFO appropriate for your high speed ADC evaluation
board.
FUNCTIONAL BLOCK DIAGRAM
CLOCK INPUT
FILTERED
ANALOG
INPUT
SINGLE OR DUAL
HIGH-SPEED ADC
EVALUATION BOARD
120-PIN CONNECTOR
HSC-ADC-EVALB-SC
OR
HSC-ADC-EVALB-DC
CLOCK
CIRCUIT
SPI
ADC
n
n
SPI
+3.0V
REG
PS
CHB FIFO,
32K,
133MHz
TIMING
CIRCUIT
CHA FIFO,
32K,
133MHz
USB
CTLR
PS
REG
STANDARD
USB 2.0
Figure 1.
PRODUCT HIGHLIGHTS
1. Easy to Set Up. Connect the included power supply and
signal sources to the two evaluation boards. Then connect
to the PC and evaluate the performance instantly.
2. ADIsimADC™. ADC Analyzer supports virtual ADC
evaluation using ADI proprietary behavioral modeling
technology. This allows rapid comparison between multiple
ADCs, with or without hardware evaluation boards. For more
information, see AN-737 at www.analog.com/ADIsimADC.
3. USB Port Connection to PC. PC interface is a USB 2.0
connection (1.1-compatible) to the PC. A USB cable is
provided in the kit.
4. 32 kB FIFO. The FIFO stores data from the ADC for processing.
A pin-compatible FIFO family is used for easy upgrading.
5. Up to 133 MSPS Encode Rate on Each Channel. Single-
channel ADCs with encode rates up to 133 MSPS can be used
with the FIFO board. Multichannel and demultiplexed output
ADCs can also be used with the FIFO board with clock rates
up to 266 MSPS.
6. Supports ADC with Serial Port Interface or SPI. Some ADCs
include a feature set that can be changed via the SPI. The FIFO
supports these SPI-driven features through the existing USB
connection to the computer without additional cabling needed.


Similar Part No. - AD10201PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10201 AD-AD10201 Datasheet
762Kb / 20P
DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV.0
AD10201/PCB AD-AD10201/PCB Datasheet
762Kb / 20P
DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV.0
AD10201AB AD-AD10201AB Datasheet
762Kb / 20P
DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV.0
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results

Similar Description - AD10201PCB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
USB low-speed evaluation board
11-Oct-2007
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
Dual High Speed USB to Multipurpose UART/FIFO IC
logo
Analog Devices
HSC-ADC-EVALA-DC AD-HSC-ADC-EVALA-DC_15 Datasheet
2Mb / 44P
High Speed ADC USB FIFO Evaluation Kit
Rev. 0
HSC-ADC-EVALA-SC AD-HSC-ADC-EVALA-SC_15 Datasheet
2Mb / 44P
High Speed ADC USB FIFO Evaluation Kit
Rev. 0
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
USB Hi-Speed FT2232H Evaluation
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
USB Hi-Speed FT4232H Evaluation
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
Dual High Speed USB to Multipurpose UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com