Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805C-R56M Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 0805C-R56M
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0805C-R56M Datasheet(HTML) 3 Page - Frontier Electronics.

  0805C-R56M Datasheet HTML 1Page - Frontier Electronics. 0805C-R56M Datasheet HTML 2Page - Frontier Electronics. 0805C-R56M Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD wire wound Ceramic Chip Inductor: P/N 0805C-series
Rev. A
Jan. 01, 2006. Page: 3 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ceramic Chip Inductors—0805C series
G. Characteristic curve:
1. L vs. Frequency:
2. Typical Q vs. Frequency:
1
10
100
1000
10000
10
100
1000
10000
Frequency (MHz)
0805C-3N3
0805C-15N
0805C-33N
0805C-R12
0805C-R15
0
50
100
150
200
10
100
1000
10000
Frequency (MHz)
Q
3N3
15N
33N
R12
R15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com