Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4239 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE4239
Description  SPDT UltraCMOS RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE4239 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE4239 Datasheet HTML 1Page - Peregrine Semiconductor PE4239 Datasheet HTML 2Page - Peregrine Semiconductor PE4239 Datasheet HTML 3Page - Peregrine Semiconductor PE4239 Datasheet HTML 4Page - Peregrine Semiconductor PE4239 Datasheet HTML 5Page - Peregrine Semiconductor PE4239 Datasheet HTML 6Page - Peregrine Semiconductor PE4239 Datasheet HTML 7Page - Peregrine Semiconductor PE4239 Datasheet HTML 8Page - Peregrine Semiconductor PE4239 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specification
PE4239
Page 4 of 9
©2002-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0068-02
│ UltraCMOS™ RFIC Solutions
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE4239 SPDT switch. The RF common port is
connected through a 50
Ω transmission line to the
top left SMA connector, J1. Port 1 and Port 2 are
connected through 50
Ω transmission lines to the
top two SMA connectors on the right side of the
board, J3 and J2, respectively. A through
transmission line connects SMA connectors J4
and J5. This transmission line can be used to
estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.0476”, trace
gaps of 0.030”, dielectric thickness of 0.028”,
metal thickness of 0.0021” and
ε
r of 4.4.
J6 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left
pin, the second pin to the right (J6-3) is connected
to the device V1 or CTRL input. The fourth pin to
the right (J6-7) is connected to the device V2 or
CTRL/VDD input.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Peregrine Specification 102/0104
Peregrine Specification 101/0083



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com