Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2-R Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q2-R
Description  HEAT SHRINK THIN WALL TUBING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q2-R Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q2-R_13 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.Qualtekusa.com
Q2-R
SEMI-RIGID, MULTI-PURPOSE,
FLAME RETARDANT, POLYOLEFIN TUBING
SHRINK RATIO 2:1
Features/Applications
Outstanding physical, chemical and electrical properties. Widely used for insulation
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
Operating temperature: -55°C to +135°C
Minimum shrink temperature: 70°C
Full recovery temperature: 130°C
Approvals :
File No. E236137,
File No. 242540,125°C, VW-1, 600V
Meets: SAE-AMS-DTL-23053/6 Class 1 & 2, Sony SS-00259
RoHS Compliant
HEAT SHRINK THIN WALL TUBING
Technical Data
Product Dimensions
Size
(Inch)
As Supplied (mm)
After Recovered
(mm)
Standard Packaging
Inside Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
Mini Spool
*(MS)
(Feet)
Standard
Spool
*(SS)
(Feet)
Cut to
Length Pcs.
*(QB)
Qty per bag
6”
48”
3/64
1.2
0.6
0.4
100
500
40
25
1/16
1.6
0.8
0.4
100
500
36
25
3/32
2.4
1.2
0.5
100
500
32
25
1/8
3.2
1.6
0.5
100
500
28
25
3/16
4.8
2.4
0.5
100
250
24
25
1/4
6.4
3.2
0.6
100
250
20
25
3/8
9.5
4.8
0.6
100
250
16
25
1/2
12.7
6.4
0.6
100
150
14
5
5/8
16.0
8.0
0.7
50
150
14
5
3/4
19.1
9.5
0.7
50
150
12
5
1
25.4
12.7
0.9
50
150
8
5
14
Property
Test Method
Typical Data
Operating Temperature
IEC 216
-55°C to +135°C
Tensile Strength
ASTM D 2671
>16 MPa
Ultimate Elongation
ASTM D 2671
> 500%
Longitudinal Shrinkage
UL 224
0 + 5%
Eccentricity
ASTM D 2671
< 30%
Heat Aging
Tensile Strength
Ultimate Elongation
175°C, 168 hrs.
> 12 MPa
> 350 %
Flammability
VW-1
Pass
Dielectric Strength
ASTM D 150
> 20kV / mm
Voltage Withstand
ASTM D 2671 / AC2500V. 1 min.
No Breakdown
Volume Resistance
ASTM D 2671
10 Ω.cm
Copper Stability
UL 224
Pass
Copper Corrosion
UL 224
No Corrosion
4


Similar Part No. - Q2-R_13

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-R QUALTEK-Q2-R Datasheet
562Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q2-R_13

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com