Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805C-R82K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0805C-R82K
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0805C-R82K Datasheet(HTML) 1 Page - Frontier Electronics.

  0805C-R82K Datasheet HTML 1Page - Frontier Electronics. 0805C-R82K Datasheet HTML 2Page - Frontier Electronics. 0805C-R82K Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD wire wound Ceramic Chip Inductor: P/N 0805C-series
Rev. A
Jan. 01, 2006. Page: 1 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ceramic Chip Inductors—0805C series
A. Electrical specifications:
Part
No.
L
(nH)
Percent
Tolerance
Q
(Min)
SRF(min)
(MHz)
DCR
(Max)
Ω
I rms.
(mA)
Color
Code
0805C-2N2_
2.2@1000MHz
M, K, J
35@1000MHZ
3000
0.03
600
White
0805C-2N7_
2.7@250MHz
M, K, J
35@1000MHZ
6000
0.03
600
Brown
0805C-2N8_
2.8@250MHz
M, K, J
80@1500MHz
7900
0.03
800
Gray
0805C-2N9_
2.9@250MHz
M, K, J
50@1000MHZ
4700
0.05
600
Blue
0805C-3N0_
3.0@250MHz
M, K, J
65@1500MHz
7900
0.06
800
White
0805C-3N3_
3.3@250MHz
M, K, J
50@1500MHz
7900
0.08
600
Black
0805C-5N6_
5.6@250MHz
M, K, J
65@1000MHz
5500
0.08
600
Violet
0805C-6N8_
6.8@250MHz
M, K, J
50@1000MHz
5500
0.11
600
Brown
0805C-7N5_
7.5@250MHz
M, K, J
50@1000MHz
4500
0.14
600
Black
0805C-8N2_
8.2@250MHz
M, K, J, G
50@1000MHz
4700
0.12
600
Red
0805C-10N_
10@250MHz
M, K, J, G
60@500MHz
4200
0.10
600
Red
0805C-11N_
11@700MHz
M, K, J, G
45@500MHz
3000
0.15
600
Orange
0805C-12N_
12@250MHz
M, K, J, G
50@500MHz
4000
0.15
600
Orange
0805C-15N_
15@250MHz
M, K, J, G
50@500MHz
3400
0.17
600
Yellow
0805C-18N_
18@250MHz
M, K, J, G
50@500MHz
3300
0.20
600
Green
0805C-22N_
22@250MHz
M, K, J, G
55@500MHz
2600
0.22
500
Blue
0805C-24N_
24@250MHz
M, K, J, G
50@500MHz
2000
0.22
500
Red
0805C-27N_
27@250MHz
M, K, J, G
55@500MHz
2500
0.25
500
Violet
0805C-33N_
33@250MHz
M, K, J, G
60@500MHz
2050
0.27
500
Gray
0805C-36N_
36@250MHz
M, K, J, G
55@500MHz
1700
0.27
500
Yellow
0805C-37N_
37@350MHz
M, K, J, G
40@500MHz
1800
0.27
500
Green
0805C-38N_
38@350MHz
M, K, J, G
40@500MHz
1800
0.27
500
Blue
0805C-39N_
39@250MHz
M, K, J, G
60@500MHz
2000
0.29
500
White
0805C-43N_
43@200MHz
M, K, J, G
60@500MHz
1650
0.34
500
Yellow
0805C-47N_
47@200MHz
M, K, J, G
60@500MHz
1650
0.31
500
Black
0805C-56N_
56@200MHz
K, J, G, F
60@500MHz
1550
0.34
500
Brown
0805C-68N_
68@200MHz
K, J, G, F
60@500MHz
1450
0.38
500
Red
0805C-82N_
82@150MHz
K, J, G, F
65@500MHz
1300
0.42
400
Orange
0805C-91N_
91@150MHz
K, J, G,
65@500MHz
1200
0.48
400
Blue
0805C-R10_
100@150MHz
K, J, G,
65@500MHz
1200
0.46
400
Yellow
0805C-R11_
110@150MHz
K, J, G,
50@500MHz
1000
0.48
400
Violet
0805C-R12_
120@150MHz
K, J, G,
50@250MHz
1100
0.51
400
Green
0805C-R15_
150@100MHz
K, J, G,
50@250MHz
920
0.56
400
Blue
0805C-R18_
180@100MHz
K, J, G,
50@250MHz
870
0.64
400
Violet
0805C-R22_
220@100MHz
K, J, G
50@250MHz
850
0.70
400
Gray
0805C-R24_
240@100MHz
K, J, G
44@250MHz
690
1.00
350
Black
0805C-R27_
270@100MHz
K, J, G
48@250MHz
650
1.00
350
White
0805C-R30_
300@150MHz
K, J, G
25@250MHz
450
1.40
300
Gray
0805C-R33_
330@100MHz
K, J, G
48@250MHz
600
1.40
310
Black
0805C-R36_
360@100MHz
K, J, G
35@250MHz
460
0.90
300
Orange
0805C-R39_
390@150MHz
K, J, G
48@250MHz
560
1.50
290
Brown
0805C-R43_
430@100MHz
K, J, G
25@100MHz
400
1.70
190
White
0805C-R47_
470@50MHz
K, J
33@100MHz
375
1.76
250
Violet
0805C-R56_
560@25MHz
K, J
23@50MHz
340
1.90
230
Orange
0805C-R68_
680@25MHz
K, J
23@50MHz
188
2.20
190
Green
0805C-R82_
820@25MHz
K, J
23@50MHz
215
2.35
180
Brown
0805C-R91_
910@25MHz
K, J
24@50MHz
250
2.30
170
Red
0805C-1R0_
1000@25MHz
K, J
23@50MHz
260
2.70
170
Black


Similar Part No. - 0805C-R82K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805C-R82 FRONTIER-0805C-R82 Datasheet
78Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-R82 FRONTIER-0805C-R82 Datasheet
204Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results

Similar Description - 0805C-R82K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com