Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008C-R10J Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1008C-R10J
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1008C-R10J Datasheet(HTML) 2 Page - Frontier Electronics.

  1008C-R10J Datasheet HTML 1Page - Frontier Electronics. 1008C-R10J Datasheet HTML 2Page - Frontier Electronics. 1008C-R10J Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD wire wound Ceramic Chip Inductor: P/N 1008C-series
Rev. A
Jan. 01, 2006 Page: 2 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ceramic Chip Inductors—1008C series
B. Dimensions: (Unit: mm )
SERIES
A (Max.)
B (Max.)
C (Max.)
D (Max.)
E
F
1008C
2.92
2.79
2.03
1.02
1.27
2.54
C. Mechanical Drawing:
D. Color coding:
1. Parts are marked with 3 color dots. The table at below shows the significance of each color.
2. Dots 1 and 2 indicate the inductance in nano-Henries.
3. Dots 3 indicate number of zeroes to be added.
E.
General information:
1.
P/N: 1008C-XXX_: 1008C: Size, “XXX”: Inductance, “_”: Tolerance.
2.
Tolerance: M: ± 20%, K: ± 10%, J: ± 5%, G: ± 2%, F: ± 1%.
3.
High Q at high frequency.
4.
High self-resonance frequency.
5.
Inductance & Q measured using the HP4291B
6.
SRF measured using the HP8720D or HP8753E.
7.
DCR measured using the 502BC.
8.
For 15ºC Temperature Rise.
9.
Operating temperature: -40ºC TO +125ºC.
10. Inductance and Current Range: From 10.0nH(1000mA)
∼4700nH(260mA).
11. SRF: From 4.1GHz to 90MHz.
12.
RoHS compliant.
F.
Applications:
Pagers.
Mobile communication units.
Portable telephone.
Hybrid.
Special specifications are available for customer’s requirement.
3rd Multiplier
1st : Inductance
2nd: inductance
Top view
0 = Black
5=Green
1 = Brown
6=Blue
2 = Red
7 = Violet
3 = Orange
8 = Gray
4 = Yellow
9 = White
Color code table
Land Pattern
0.51
1.52
0.51
E
D
E
F
A
B
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com