Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008C-R12J Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1008C-R12J
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1008C-R12J Datasheet(HTML) 1 Page - Frontier Electronics.

  1008C-R12J Datasheet HTML 1Page - Frontier Electronics. 1008C-R12J Datasheet HTML 2Page - Frontier Electronics. 1008C-R12J Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD wire wound Ceramic Chip Inductor: P/N 1008C-series
Rev. A
Jan. 01, 2006 Page: 1 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ceramic Chip Inductors—1008C series
A. Electrical Specifications:
Color Code
Part
No.
L
(nH)
Tolerance
Q
(Min.)
SRF
(MHz)
(Min.)
DCR
Ω
(Max)
I rms.
(mA)
1st
2
nd
3rd
1008C-10N_
10@50MHz
M, K
50@500MHz
4100
0.08
1000
Brown
Black
Black
1008C-12N_
12@50MHz
M, K
50@500MHz
3300
0.09
1000
Brown
Red
Black
1008C-15N_
15@50MHz
M, K
50@500MHz
2500
0.10
1000
Brown
Green
Black
1008C-18N_
18@50MHz
M, K, J, G
50@500MHz
2500
0.11
1000
Brown
Gray
Black
1008C-22N_
22@50MHz
M, K, J, G
55@350MHz
2400
0.12
1000
Red
Red
Black
1008C-27N_
27@50MHz
M, K, J, G
55@350MHz
1600
0.13
1000
Red
Violet
Black
1008C-33N_
33@50MHz
M, K, J, G
60@350MHz
1600
0.14
1000
Orange
Orange
Black
1008C-39N_
39@50MHz
M, K, J, G
60@350MHz
1500
0.15
1000
Orange
White
Black
1008C-47N_
47@50MHz
M, K, J, G
65@350MHz
1500
0.16
1000
Yellow
Violet
Black
1008C-56N_
56@50MHz
K, J, G
65@350MHz
1300
0.18
1000
Green
Blue
Black
1008C-68N_
68@50MHz
K, J, G
65@350MHz
1300
0.20
1000
Blue
Gray
Black
1008C-82N_
82@50MHz
K, J, G
60@350MHz
1000
0.22
1000
Gray
Red
Black
1008C-R10_
100@25MHz
K, J, G
60@350MHz
1000
0.56
650
Brown
Black
Brown
1008C-R12_
120@25MHz
K, J, G
60@350MHz
950
0.63
650
Brown
Red
Brown
1008C-R15_
150@25MHz
K, J, G
45@100MHz
850
0.70
580
Brown
Green
Brown
1008C-R18_
180@25MHz
K, J, G
45@100MHz
750
0.77
620
Brown
Gray
Brown
1008C-R20_
200@25MHZ
K, J, G
50@100MHZ
750
0.81
500
Red
Black
Brown
1008C-R22_
220@25MHz
K, J, G
45@100MHz
700
0.84
500
Red
Red
Brown
1008C-R24_
240@25MHz
K, J, G
50@100MHz
600
0.84
500
Red
Yellow
Brown
1008C-R27_
270@25MHz
K, J, G
45@100MHz
600
0.91
500
Red
Violet
Brown
1008C-R30_
300@150MHZ
K, J, G
40@100MHZ
500
1.05
660
Orange
Black
Brown
1008C-R33_
330@25MHz
K, J, G
45@100MHz
570
1.05
450
Orange
Orange
Brown
1008C-R36_
360@150MHZ
K, J, G
40@100MHZ
500
1.05
660
Orange
Blue
Brown
1008C-R39_
390@25MHz
K, J, G
45@100MHz
500
1.12
470
Org
White
Brown
1008C-R43_
430@150MHZ
K, J, G
40@100MHZ
425
1.19
600
Yellow
Orange
Brown
1008C-R47_
470@25MHz
K, J, G
45@100MHz
450
1.19
470
Yellow
Violet
Brown
1008C-R56_
560@25MHz
K, J, G
45@100MHz
415
1.33
400
Green
Blue
Brown
1008C-R62_
620@25MHz
K, J, G
45@100MHz
375
1.40
300
Blue
Red
Brown
1008C-R68_
680@25MHz
K, J, G
45@100MHz
375
1.47
400
Blue
Gray
Brown
1008C-R75_
750@25MHz
K, J, G
45@100MHz
360
1.54
360
Violet
Green
Brown
1008C-R82_
820@25MHz
K, J, G
45@100MHz
350
1.61
400
Gray
Red
Brown
1008C-R91_
910@25MHz
K, J, G
35@50MHz
320
1.68
380
White
Brown
Brown
1008C-1R0_
1000@25MHz
K, J, G
35@50MHz
290
1.75
370
Brown
Black
Red
1008C-1R2_
1200@7.9MHz
K, J, G
35@50MHz
250
2.00
310
Brown
Red
Red
1008C-1R5_
1500@7.9MHz
K, J, G
28@50MHz
200
2.30
330
Brown
Green
Red
1008C-1R8_
1800@7.9MHz
K, J, G
28@50MHz
160
2.60
300
Brown
Gray
Red
1008C-2R0_
2000@25MHz
K, J, G
25@50MHz
160
2.80
280
Red
Black
Red
1008C-2R2_
2200@7.9MHz
K, J, G
28@50MHz
160
2.80
280
Red
Red
Red
1008C-2R7_
2700@7.9MHz
K, J, G
22@25MHz
140
3.20
290
Red
Violet
Red
1008C-3R3_
3300@7.9MHz
K, J, G
22@25MHz
110
3.40
290
Orange
Org
Red
1008C-3R9_
3900@7.9MHz
K, J, G
20@25MHz
100
3.60
260
Orange
White
Red
1008C-4R7_
4700@7.9MHz
K, J, G
20@25MHz
90
4.00
260
Yellow
Violet
Red


Similar Part No. - 1008C-R12J

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C-R12 FRONTIER-1008C-R12 Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
More results

Similar Description - 1008C-R12J

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com