Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS032A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS032A
Description  3 Amp 5V Input Adjustable Integrated Switching Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS032A Datasheet(HTML) 2 Page - Texas Instruments

  SLTS032A Datasheet HTML 1Page - Texas Instruments SLTS032A Datasheet HTML 2Page - Texas Instruments SLTS032A Datasheet HTML 3Page - Texas Instruments SLTS032A Datasheet HTML 4Page - Texas Instruments SLTS032A Datasheet HTML 5Page - Texas Instruments SLTS032A Datasheet HTML 6Page - Texas Instruments SLTS032A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.5
1
1.5
2
2.5
3
4.5
4 .7 5
5
5.25
5.5
PT6408, 1.2 VDC
(See Note 1)
PT6407, 2.1 VDC
(See Note 1)
PT6405, 3.3 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
10 0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.5V
5.0V
5.5V
Vin
40
50
60
70
80
90
10 0
00.5
1
1.522.5
3
4.5V
5.0V
5.5V
Vin
40
50
60
70
80
90
100
00.511.522.5
3
4.5V
5.0V
5.5V
Vin
0
0.5
1
1.5
2
2.5
3
4.5
4.75
5
5.25
5.5
85°C
85°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5.5V
5.0V
4.5V
Vin
0
0.5
1
1.5
2
2.5
00.5
11.522.5
3
5.5V
5.0V
4.5V
Vin
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
0
0.5
1
1.5
2
2.5
00.5
11.522.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
10 0
00.511.522.5
3
5.5V
5.0V
4.5V
Vin
0
20
40
60
80
10 0
00.5
11.5
22.5
3
5.5V
5.0V
4.5V
Vin
0
0.5
1
1.5
2
2.5
3
4.5
4.75
5
5.25
5.5
85°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
3 Amp 5V Input Adjustable
Integrated Switching Regulator
PT6400 Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com