Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA101MC-R Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DA101MC-R
Description  Transformers for Digital Audio Data Transmission
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DA101MC-R Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DA101MC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DA101MC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DA101MC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DA100 Series
Transformers for Digital Audio Data Transmission
KMP_DA100C_C07 Page 1 of 3
www.murata-ps.com
www.murata-ps.com/support
 
For full details go to
www.cd4power.com/rohs
For full details go to
www.murata-ps.com/rohs
FEATURES
n
RoHS compliant
n
Compatible with leading chip sets
n
2kVrms isolation
n
Industry-standard pinout
n
Surface mount option
n
UL 94 V-0 package materials
n
Low profile
n
Suitable for both 75 & 110Ω circuits
n
Toroidal construction
n
Compliant with AES/EBU standards
n
Fully encapsulated
DESCRIPTION
The Digital Audio Range of transformers is
designed to improve the balance of transmitter
and receiver circuitry in hi-fi equipment,
video games and other applications requiring
high-performance digital audio transmission.
Compliant with AES/EBU recommendations for the
digital audio interface, offering optimised shunt
capacitance between primary and secondary
windings. Capable of operating over the audio
data rate frequency range, providing isolation from
50-60Hz noise.
Surface-mount parts
The surface-mount (M suffix) products are not
recommended for new designs. For existing designs,
however, Murata Power Solutions will continue to
manufacture and fully support these parts.
For recommended alternatives please refer to the
DA100J Series datasheet.
SELECTION GUIDE
Order Code
Primary
Inductance
Max.
Leakage
Inductance
(100kHz, 10mV)
Isolation
(Flash tested
for 1 second)
mH
μH
Vμs
dB
dB
Vrms
DA101C
1:1
1.00 - 2.06
0.22
15
46.80
52.10
2000
DA102C
1:1
2.00 - 3.90
0.39
20
40.40
49.70
DA103C
1:1
4.00 - 7.75
0.91
28
36.30
46.40
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
DAXXXC
6 Pin DIL
Tube
50
DAXXXMC
6 Pin SM
Tube
50
DAXXXMC-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
–40°C to 125°C
All specifications typical at T
A =25°C
TECHNICAL NOTES
ISOLATION
VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Volt-
age’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’
are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed
to provide electrical isolation, to verify the integrity of that
isolation.
All products in this series are 100% production tested at
their stated isolation voltage.
A question commonly asked is, “What is the continuous
voltage that can be applied across the part in normal opera-
tion?”
For a part holding no specific agency approvals both input
and output should normally be maintained within SELV limits
i.e. less than 42.4V peak, or 60VDC. The isolation test volt-
age represents a measure of immunity to transient voltages
and the part should never be used as an element of a safety
isolation system. The part could be expected to function cor-
rectly with several hundred volts offset applied continuously
across the isolation barrier; but then the circuitry on both
sides of the barrier must be regarded as operating at an
unsafe voltage and further isolation/insulation systems must
form a barrier between these circuits and any user-acces-
sible circuitry according to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation
testing of a barrier component can actually degrade
isolation capability, to a lesser or greater degree
depending on materials, construction and environ-
ment. This series has toroidal isolation transformers,
with no additional insulation between primary and
secondary windings of enameled wire. While parts
can be expected to withstand several times the
stated test voltage, the isolation capability does de-
pend on the wire insulation. Any material, including
this enamel (typically polyurethane) is susceptible
to eventual chemical degradation when subject to
very high applied voltages thus implying that the
number of tests should be strictly limited. We there-
fore strongly advise against repeated high voltage
isolation testing, but if it is absolutely required, that
the voltage be reduced by 20% from specified test
voltage.
This consideration equally applies to agency recog-
nized parts rated for better than functional isolation
where the wire enamel insulation is always supple-
mented by a further insulation system of physical
spacing or barriers.


Similar Part No. - DA101MC-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DA101MC MURATA-PS-DA101MC Datasheet
381Kb / 4P
Transformers for Digital Audio Data Transmission
2023
More results

Similar Description - DA101MC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DA100 CANDD-DA100 Datasheet
141Kb / 2P
Transformers for Digital Audio Data Transmission
logo
List of Unclassifed Man...
ST-85612 ETC-ST-85612 Datasheet
129Kb / 1P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Pulse A Technitrol Comp...
PE-65612 PULSE-PE-65612 Datasheet
81Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Rhombus Industries Inc.
T-10247 RHOMBUS-IND-T-10247 Datasheet
33Kb / 1P
Digital Audio Data Transmission Transformers
10/12/96
logo
Murata Manufacturing Co...
KMP_DA100 MURATA-KMP_DA100 Datasheet
127Kb / 3P
Transformers for Digital Audio Data Transmission
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL Datasheet
393Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Allied Components Inter...
AT0401DX ALLIED-AT0401DX Datasheet
381Kb / 1P
TRANSFORMER FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Pulse A Technitrol Comp...
T6074NL PULSE-T6074NL Datasheet
58Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
Murata Power Solutions ...
DA100J MURATA-PS-DA100J Datasheet
121Kb / 3P
SM Transformers for Digital Audio Data Transmission
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL_13 Datasheet
378Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com