Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706APAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5706APAPR Datasheet HTML 6Page - Texas Instruments TAS5706APAPR Datasheet HTML 7Page - Texas Instruments TAS5706APAPR Datasheet HTML 8Page - Texas Instruments TAS5706APAPR Datasheet HTML 9Page - Texas Instruments TAS5706APAPR Datasheet HTML 10Page - Texas Instruments TAS5706APAPR Datasheet HTML 11Page - Texas Instruments TAS5706APAPR Datasheet HTML 12Page - Texas Instruments TAS5706APAPR Datasheet HTML 13Page - Texas Instruments TAS5706APAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
ELECTRICAL CHARACTERISTICS
TAS5706A
TAS5706B
SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com
DC Characteristics, TA = 25°C, PVCC_X, AVCC = 18 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VOH
High-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
3.3-V TTL and 5-V tolerant (1)
IOL = 4 mA
0.5
V
| VOS |
Class-D output offset voltage
±26
mV
VBYPASS
PVCC/8 reference for analog section
No load
2.2
2.26
2.3
V
3.3-V TTL
VI = VIL
±2
IIL
Low-level input current
µA
5-V tolerant(1)
VI = 0 V, DVDD = 3 V
±2
3.3-V TTL
VI = VIH
±2
IIH
High-level input current
µA
5-V tolerant
VI = 5.5 V, DVDD = 3 V
±20
Normal mode
43
65
80
Power down
2
8
16
IDD
Input supply current
Supply voltage (DVDD, AVDD)
mA
(PDNZ = LOW)
Reset (RESET = LOW)
11
23
33
ICC
Quiescent supply current
No load
14
33
57
mA
ICC(RESET)
Quiescent supply current in reset mode
No load
58
176
µA
ICC(PDNZ)
Quiescent supply current in power down mode
No load
58
176
µA
PSRR
DC power-supply rejection ratio
PVCC = 17.5 V to 18.5 V
60
dB
Drain-source on-state resistance, high-side
240
VCC = 18 V , IO = 500 mA,
RDS(on)
Low-side
240
m
Ω
TJ = 25°C
Total
480
850
Turnon time (SE mode) (Set Reg 0x1A bit 7 to 1)
500
C(BYPASS) = 1 µF,
tON
ms
Turnon time (BTL mode) (Set Reg 0x1A bit 7 to 0)
30
Time required for the
C(BYPASS) to reach its final
Turnoff time (SE mode) (Set Reg 0X1A bit 7 to 1)
500
tOFF
ms
value
Turnoff time (BTL mode) (Set Reg 0X1A bit 7 to 0)
30
(1)
5-V tolerant pins are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDA, SCL, and HPSEL.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com