Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706APAPRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TAS5706APAPRG4 Datasheet HTML 1Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 2Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 3Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 4Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 5Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 6Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 7Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 8Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Single-Ended (SE) 4.0 Mode (TAS5706B Only)
SDIN1
SDIN2
LRCLK
SCLK
MCLK
MUTE
RESET
PDN
SDA
PLL_FLTM
PLL_FLTP
HPL_PWM
HPR_PWM
OUT_A
OUT_B
BST_A
BST_B
SCL
HPSEL
Digital
Audio
Source
I C
Control
2
Control
Inputs
BKND_ERR
VALID
SUB_PWM–
SUB_PWM+
RC
Filter
TPA6110A2
(HP Amplifier)
OUT_C
OUT_D
BST_C
BST_D
Loop
Filter
DVDD/AVDD
AVCC/PVCC
3.3V
10V–26V
LC
SE*
LC
SE*
LC
SE*
LC
SE*
B0264-04
*Referto TI ApplicationNote(SLOA119)onLCfilterdesignforSEconfiguration.
TAS5706A
TAS5706B
SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com