Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7701MPWREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7701MPWREP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7701MPWREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7701MPWREP Datasheet HTML 3Page - Texas Instruments TLC7701MPWREP Datasheet HTML 4Page - Texas Instruments TLC7701MPWREP Datasheet HTML 5Page - Texas Instruments TLC7701MPWREP Datasheet HTML 6Page - Texas Instruments TLC7701MPWREP Datasheet HTML 7Page - Texas Instruments TLC7701MPWREP Datasheet HTML 8Page - Texas Instruments TLC7701MPWREP Datasheet HTML 9Page - Texas Instruments TLC7701MPWREP Datasheet HTML 10Page - Texas Instruments TLC7701MPWREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DUT
RL
(see Note A)
CL
(see Note B)
5 V
VIT-
tw(L)
tw(L)
VIT+max + 200 mV
2.7 V
VIT+
VIT- min - 200 mV
(a) RESIN
(b) SENSE
0.4 V
1.5 V
tw(L)
0.7 × VDD
0.2 × VDD
0.5 × VDD
M suffixed devices
I, Q, and Y suffixed devices
TLC7701-EP, TLC7705-EP, TLC7733-EP
www.ti.com
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
PARAMETER MEASUREMENT INFORMATION
A.
For switching characteristics, RL = 2 kΩ
B.
CL = 50 pF includes jig and probe capacitance
Figure 2. RESET AND RESET Output Configurations
Figure 3. Input Pulse Definition Waveforms
Copyright
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com