Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2426CLPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2426CLPR
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2426CLPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2426CLPR Datasheet HTML 11Page - Texas Instruments TLE2426CLPR Datasheet HTML 12Page - Texas Instruments TLE2426CLPR Datasheet HTML 13Page - Texas Instruments TLE2426CLPR Datasheet HTML 14Page - Texas Instruments TLE2426CLPR Datasheet HTML 15Page - Texas Instruments TLE2426CLPR Datasheet HTML 16Page - Texas Instruments TLE2426CLPR Datasheet HTML 17Page - Texas Instruments TLE2426CLPR Datasheet HTML 18Page - Texas Instruments TLE2426CLPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TLE2426, TLE2426Y
THE RAIL SPLITTER"
PRECISION VIRTUAL GROUND
SLOS098D − AUGUST 1991 − REVISED MAY 1998
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 9
0
5
10
15
20
25
SHORT-CIRCUIT OUTPUT CURRENT
vs
INPUT VOLTAGE
0
30
35
40
VI − Input Voltage − V
VO = GND
(Output Sourcing)
TA = 25°C
TA = − 55°C
TA = 125°C
−20
−40
−60
−80
Figure 10
VI − Input Voltage − V
20
10
0
0
5
10
15
20
25
30
SHORT-CIRCUIT OUTPUT CURRENT
vs
INPUT VOLTAGE
40
30
35
40
VO = VI
(Output Sinking)
TA = − 55°C
TA = 125°C
TA = 25°C
Figure 11
125
0
TA − Free-Air Temperature − °C
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
0
25
50
75
100
VI = 12 V
VI = 4 V
VO = GND
(Output Sourcing)
−10
−20
−30
−40
−50
−60
−70
−80
−75
− 50
−25
VI = 5 V
VI = 40 V
Figure 12
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
20
10
0
025
50
30
40
75
100
125
TA − Free-Air Temperature − °C
VI = 4 V
VI = 5 V
VI = 12 V
VI = 40 V
VO = VI
(Output Sinking)
−75
− 50
−25
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com