Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN625RG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TYN625RG
Description  Standard 25 A SCRs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TYN625RG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TYN625RG Datasheet HTML 1Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 2Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 3Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 4Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 5Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 6Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 7Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 8Page - List of Unclassifed Manufacturers TYN625RG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2012
Doc ID 7478 Rev 8
1/10
10
TN2540, TXN625
TYN625, TYN825, TYN1225
Standard 25 A SCRs
Features
■ On-state rms current, IT(RMS) 25 A
■ Repetitive peak off-state voltage, VDRM/VRRM
600 to 1200 V
■ Triggering gate current, IGT 40 mA
■ Insulated package TO-220AB ins
– Insulating voltage 2500 V rms
– UL1557 certified (file ref. E81734)
Description
These standard 25 A SCRs are suitable for
general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current
capabilities.
TXN625RG is packaged in TO-220AB ins.
A
K
G
A
A
K
G
A
A
K
G
D2PAK
(TN2540-x00G)
TO-220AB
(TYNx25RG)
A
K
G
TO-220AB ins
(TXN625RG)
Table 1.
Device summary
Order code
Voltage VDRM/VRRM
Sensitivity IGT
Package
600 V
800 V
1200 V
TN2540-600G-TR
Y
40 mA
D2PAK
TN2540-800G-TR
Y
40 mA
D2PAK
TXN625RG
Y
40 mA
TO-220AB ins
TYN625RG
Y
40 mA
TO-220AB
TYN825RG
Y
40 mA
TO-220AB
TYN1225RG
Y
40 mA
TO-220AB
www.st.com


Similar Part No. - TYN625RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN625RG STMICROELECTRONICS-TYN625RG Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TYN625RG STMICROELECTRONICS-TYN625RG Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TYN625RG STMICROELECTRONICS-TYN625RG Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
TYN625RG STMICROELECTRONICS-TYN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TYN625RG STMICROELECTRONICS-TYN625RG Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
More results

Similar Description - TYN625RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
19-Nov-15
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
21-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com