| Electronic Components Datasheet Search |
|
ECKA3D102FGP Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECKA3D102FGP Datasheet(HTML) 7 Page - Panasonic Semiconductor |
|
7 / 9 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. High Voltage Ceramic Disc Capacitors (Low loss type) Rated Volt. Cap. in pF Capacitance Tolerance (%) Dimensions in mm Kinked Lead Type (Bulk) Kinked Lead Taping Type D max. T max. Part Number Dimensions in mm Part Number Taped Type Dimensions in mm Fd F d 1 kVDC 100 ±10 6.0 4.5 ECKA3A101KRP 5.0 0.60 ECKN3A101KRP N0 5.0 0.60 120 ±10 6.0 4.5 ECKA3A121KRP 5.0 0.60 ECKN3A121KRP N0 5.0 0.60 150 ±10 6.0 4.5 ECKA3A151KRP 5.0 0.60 ECKN3A151KRP N0 5.0 0.60 180 ±10 6.0 4.5 ECKA3A181KRP 5.0 0.60 ECKN3A181KRP N0 5.0 0.60 220 ±10 6.0 4.5 ECKA3A221KRP 5.0 0.60 ECKN3A221KRP N0 5.0 0.60 270 ±10 6.0 4.5 ECKA3A271KRP 5.0 0.60 ECKN3A271KRP N0 5.0 0.60 330 ±10 6.0 4.5 ECKA3A331KRP 5.0 0.60 ECKN3A331KRP N0 5.0 0.60 390 ±10 7.0 4.5 ECKA3A391KRP 5.0 0.60 ECKN3A391KRP N0 5.0 0.60 470 ±10 7.0 4.5 ECKA3A471KRP 5.0 0.60 ECKN3A471KRP N0 5.0 0.60 560 ±10 7.0 4.5 ECKA3A561KRP 5.0 0.60 ECKN3A561KRP N0 5.0 0.60 680 ±10 7.5 4.5 ECKA3A681KRP 5.0 0.60 ECKN3A681KRP N0 5.0 0.60 820 ±10 7.5 4.5 ECKA3A821KRP 5.0 0.60 ECKN3A821KRP N0 5.0 0.60 1000 ±10 9.0 4.5 ECKA3A102KRP 5.0 0.60 ECKN3A102KRP N0 5.0 0.60 1200 ±10 9.0 4.5 ECKA3A122KRP 5.0 0.60 ECKN3A122KRP N0 5.0 0.60 1500 ±10 10.5 4.5 ECKA3A152KRP 5.0 0.60 ECKN3A152KRP N0 5.0 0.60 1800 ±10 10.5 4.5 ECKA3A182KRP 5.0 0.60 ECKN3A182KRP N0 5.0 0.60 2200 ±10 11.5 4.5 ECKA3A222KRP 5.0 0.60 ECKN3A222KRP N0 5.0 0.60 2700 ±10 13.0 4.5 ECKA3A272KRP 7.5 0.65 ECKN3A272KRP N1 7.5 0.65 3300 ±10 13.0 4.5 ECKA3A332KRP 7.5 0.65 ECKN3A332KRP N1 7.5 0.65 3900 ±10 14.0 4.5 ECKA3A392KRP 7.5 0.65 ECKN3A392KRP N1 7.5 0.65 4700 ±10 16.5 4.5 ECKA3A472KRP 7.5 0.65 —— — — — 2 kVDC 100 ±10 7.0 5.0 ECKA3D101KRP 7.5 0.65 ECKN3D101KRP N1 7.5 0.65 120 ±10 7.0 5.0 ECKA3D121KRP 7.5 0.65 ECKN3D121KRP N1 7.5 0.65 150 ±10 7.0 5.0 ECKA3D151KRP 7.5 0.65 ECKN3D151KRP N1 7.5 0.65 180 ±10 7.0 5.0 ECKA3D181KRP 7.5 0.65 ECKN3D181KRP N1 7.5 0.65 220 ±10 7.0 5.0 ECKA3D221KRP 7.5 0.65 ECKN3D221KRP N1 7.5 0.65 270 ±10 7.0 5.0 ECKA3D271KRP 7.5 0.65 ECKN3D271KRP N1 7.5 0.65 330 ±10 7.5 5.0 ECKA3D331KRP 7.5 0.65 ECKN3D331KRP N1 7.5 0.65 390 ±10 7.5 5.0 ECKA3D391KRP 7.5 0.65 ECKN3D391KRP N1 7.5 0.65 470 ±10 9.0 5.0 ECKA3D471KRP 7.5 0.65 ECKN3D471KRP N1 7.5 0.65 560 ±10 9.0 5.0 ECKA3D561KRP 7.5 0.65 ECKN3D561KRP N1 7.5 0.65 680 ±10 10.0 5.0 ECKA3D681KRP 7.5 0.65 ECKN3D681KRP N1 7.5 0.65 820 ±10 10.0 5.0 ECKA3D821KRP 7.5 0.65 ECKN3D821KRP N1 7.5 0.65 1000 ±10 12.0 5.0 ECKA3D102KRP 7.5 0.65 ECKN3D102KRP N1 7.5 0.65 1200 ±10 12.0 5.0 ECKA3D122KRP 7.5 0.65 ECKN3D122KRP N1 7.5 0.65 1500 ±10 12.0 5.0 ECKA3D152KRP 7.5 0.65 ECKN3D152KRP N1 7.5 0.65 1800 ±10 14.0 5.0 ECKA3D182KRP 10.0 0.65 —— — — — 2200 ±10 16.0 5.0 ECKA3D222KRP 10.0 0.65 —— — — — 2700 ±10 16.0 5.0 ECKA3D272KRP 10.0 0.65 —— — — — 3300 ±10 19.0 5.0 ECKA3D332KRP 10.0 0.65 —— — — — 3900 ±10 20.0 5.0 ECKA3D392KRP 10.0 0.65 —— — — — 4700 ±10 21.0 5.0 ECKA3D472KRP 10.0 0.65 —— — — — ■ Ratings and Characteristics ● Series KRP (Class 2, Temp. Char. R/Y5R, 1 to 3 kVDC) Feb. 2006 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |