Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603C-R18F Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0603C-R18F
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0603C-R18F Datasheet(HTML) 2 Page - Frontier Electronics.

  0603C-R18F Datasheet HTML 1Page - Frontier Electronics. 0603C-R18F Datasheet HTML 2Page - Frontier Electronics. 0603C-R18F Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD wire wound Ceramic Chip Inductor: P/N 0603C-series
Rev. B
Jan. 18, 2010. Page: 2 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SMD Wire Wound Ceramic Chip Inductors—0603C series
B. Dimensions: (Unit: mm)
SERIES
A (Max.)
B (Max.)
C (Max.)
D (Max.)
E
F
0603C
1.80
1.12
1.02
0.64
0.64
1.02
C. Mechanical Drawing:
D. Color coding:
1. These parts are marked with single color dot.
2. The dot represented inductance value shows on the table.
E. General information:
1.
P/N: 0603C-XXX_: 0603C: Size, “XXX”: Inductance, “_”: Tolerance.
2.
Tolerance: M: ± 20%, K: ± 10%, J: ± 5%, G: ± 2%, F: ± 1%.
3.
Small and lightweight surface mounting type.
4.
High Q at high frequency.
5.
High self-resonance frequency.
6.
For 15ºC Temperature Rise.
7.
Inductance & Q measured using the HP4291B.
8.
SRF measured using the HP8720D or HP8753E.
9.
DCR measured using the 502BC.
10. Operating temperature: -40
°C TO +125ºC.
11. Inductance and Current Range: 1.6nH(700mA)∼270nH(170mA).
12. SRF: From 12GHz to 900MHz.
13.
RoHS compliant.
F. Applications:
Pagers.
Mobile communication units.
Portable telephone.
Hybrid.
Special specifications are available for customer’s requirement.
Identifier for 0603C & 0805C series.
Top view
Land Pattern
0.86
0.33
D
F
A
B
C
(0.034")
(0.013")
(0.013")
0.33
E
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com