Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2955D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP2955D
Description  TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2955D Datasheet(HTML) 2 Page - Motorola, Inc

  MTP2955D Datasheet HTML 1Page - Motorola, Inc MTP2955D Datasheet HTML 2Page - Motorola, Inc MTP2955D Datasheet HTML 3Page - Motorola, Inc MTP2955D Datasheet HTML 4Page - Motorola, Inc MTP2955D Datasheet HTML 5Page - Motorola, Inc MTP2955D Datasheet HTML 6Page - Motorola, Inc MTP2955D Datasheet HTML 7Page - Motorola, Inc MTP2955D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP2955V
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0) (3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
—
—
58
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
—
—
—
—
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(Cpk
≥ 2.0) (3)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
—
2.8
5.0
4.0
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 1.5) (3)
(VGS = 10 Vdc, ID = 6.0 Adc)
RDS(on)
—
0.185
0.230
Ohm
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 12 Adc)
(VGS = 10 Vdc, ID = 6.0 Adc, TJ = 150°C)
VDS(on)
—
—
—
—
2.9
2.5
Vdc
Forward Transconductance (VDS = 10 Vdc, ID = 6.0 Adc)
gFS
3.0
5.0
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
—
550
700
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
200
280
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
—
50
100
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(V
30 Vd
I
12 Ad
td(on)
—
15
30
ns
Rise Time
(VDD = 30 Vdc, ID = 12 Adc,
VGS =10Vdc
tr
—
50
100
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
—
24
50
Fall Time
G
)
tf
—
39
80
Gate Charge
(V
48 Vd
I
12 Ad
QT
—
19
30
nC
(VDS = 48 Vdc, ID = 12 Adc,
Q1
—
4.0
—
( DS
, D
,
VGS = 10 Vdc)
Q2
—
9.0
—
Q3
—
7.0
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 12 Adc, VGS = 0 Vdc)
(IS = 12 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
—
—
1.8
1.5
3.0
—
Vdc
Reverse Recovery Time
(I
12 Ad
V
0 Vd
trr
—
115
—
ns
(IS = 12 Adc, VGS = 0 Vdc,
ta
—
90
—
( S
,
GS
,
dIS/dt = 100 A/µs)
tb
—
25
—
Reverse Recovery Stored Charge
QRR
—
0.53
—
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
—
4.5
—
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
—
7.5
—
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com