Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB21N90K5 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STB21N90K5
Description  N-channel 900 V, 0.25 廓 typ., 18.5 A Zener-protected SuperMESH??5 Power MOSFET in a D2PAK, TO-220FP, TO-220 and TO-247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB21N90K5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STB21N90K5 Datasheet HTML 14Page - STMicroelectronics STB21N90K5 Datasheet HTML 15Page - STMicroelectronics STB21N90K5 Datasheet HTML 16Page - STMicroelectronics STB21N90K5 Datasheet HTML 17Page - STMicroelectronics STB21N90K5 Datasheet HTML 18Page - STMicroelectronics STB21N90K5 Datasheet HTML 19Page - STMicroelectronics STB21N90K5 Datasheet HTML 20Page - STMicroelectronics STB21N90K5 Datasheet HTML 21Page - STMicroelectronics STB21N90K5 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB21N90K5, STF21N90K5, STP21N90K5, STW21N90K5
Revision history
Doc ID 16744 Rev 6
21/22
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
05-Nov-2009
1
First release.
18-Nov-2009
2
Updated description on cover page
12-Jan-2010
3
Corrected VGS value in Table 2: Absolute maximum ratings
14-Jul-2010
4
Document status promoted from preliminary data to datasheet.
21-Dec-2011
5
– Inserted device in D2PAK.
– Updated Figure 2: Safe operating area for TO-220 / D2PAK,
Figure 4: Safe operating area for TO-220FP and Figure 6:
Safe operating area for TO-247.
– Inserted Section 5: Packaging mechanical data on page 19.
– Minor text changes.
12-Oct-2012
6
– Updated: Qg value (test conditions) in Table 5
– Updated: Td(on) value (test conditions) in Table 6
– Updated: values (test conditions) in Table 8
– Updated: Figure 10
– Updated: Section 4: Package mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com