Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND05B Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND05B
Description  DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND05B Datasheet(HTML) 4 Page - STMicroelectronics

  VND05B Datasheet HTML 1Page - STMicroelectronics VND05B Datasheet HTML 2Page - STMicroelectronics VND05B Datasheet HTML 3Page - STMicroelectronics VND05B Datasheet HTML 4Page - STMicroelectronics VND05B Datasheet HTML 5Page - STMicroelectronics VND05B Datasheet HTML 6Page - STMicroelectronics VND05B Datasheet HTML 7Page - STMicroelectronics VND05B Datasheet HTML 8Page - STMicroelectronics VND05B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
VND05B / VND05B (011Y) / VND05B (012Y)
ELECTRICAL CHARACTERISTICS (continued)
PROTECTIONS AND DIAGNOSTICS
(*) In=Nominal current according to ISO definition for high side automotive switch (see note 1)
(^) See switching time waveform
(
•) The V
IH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
Note 1: The Nominal Current is the current at Tc=85°C for battery voltage of 13V which produces a voltage drop of 0.5V
Note 2: IOL(off) = (VCC-VOL)/ROL
Note 3: tpovl tpol: ISO definition
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Low output voltage status ISTAT=1.6mA
0.4
V
VUSD
Undervoltage shut-down
3.5
4.5
6
V
VSCL
Status clamp voltage
ISTAT= 10mA
ISTAT= -10mA
56
-0.7
7V
V
TTSD
Thermal shut-down
temperature
140
160
180
°C
TTSD(hyst)
Thermal shutdown
hysteresis temperature
50
°C
TR
Reset temperature
125
°C
VOL
Open voltage level
Off state (note 2)
2.5
4
5
V
IOL
Open load current level
On state
5
180
mA
tpovl
Overtemperature Status
delay
(note 3)
5
10
µs
tpol
Open Load Status delay
(note 3)
50
500
2500
µs
2
Note 2 Relevant Figure
Note 3 Relevant Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com