Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJS4K5E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RJS4K5E
Description  Rheostats (Potentiometers) Wirewound
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RJS4K5E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RJS4K5E Datasheet HTML 1Page - Ohmite Mfg. Co. RJS4K5E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S T ANDARD p AR T N u M b ERS FOR Rh EOST A TS
0.5 –––R50
10.0
12.3
14.1
17.3
1 –––1R0
  
3.53
 
5.00
7.07
8.66
10
12.3
15.0
17.32
22.3
31.6
1.5 –––1R5
18.2
25.8
2 –––2R0
  
2.50
 
3.54
5.00
6.12
7.07
8.65
10.6
12.24
15.8
22.4
2.5 –––2R5
  
2.24
14.1
20.0
3 –––3R0
  
2.04
 
2.88
5.00
5.75
7.07
8.66
10.00
12.9
18.3
4 –––4R0
3.53
7.50
8.66
11.2
15.8
5 –––5R0
  
1.58
3.88
4.47
5.48
6.71
7.75
10.0
14.1
6 –––6R0
  
1.44
 
2.04
2.88
7.5 –––7R5
3.16
3.65
4.47
5.49
6.32
8 –––8R0
  
1.25
 
1.77
2.50
7.90
11.2
10 –––10R
 
0.86
  
1.12
 
1.58
2.74
3.16
3.88
4.74
5.48
10.0
12 –––12R
2.04
12.5 –––12R5
6.30
8.95
15 –––15R
 
0.71
  
0.91
 
1.29
3.163
3.87
4.47
16 –––16R
1.76
2.17
2.50
5.60
7.90
22 –––22R
1.50
25 –––25R
 
0.55
  
0.71
 
1.00
1.73
2.0
2.450
3.00
3.46
4.47
6.33
35 –––35R
 
0.46
  
0.60
 
0.845
1.19
2.070
40 –––40R
3.54
50 –––50R
 
0.39
  
0.50
 
0.707
1.00
1.23
1.41
1.735
2.12
2.45
3.16
4.47
75 –––75R
 
0.32
  
0.40
 
0.575
1.00
1.15
1.415
1.73
2.00
3.65
80 –––80R
0.790
2.52
100 –––100
 
0.27
  
0.36
 
0.500
0.866
1.00
1.225
1.50
1.73
3.16
125 –––125
  
0.32
 
0.445
0.630
2.00
150 –––150
 
0.22
  
0.29
0.575
1.000
1.22
1.41
160 –––160
175 –––175
  
0.27
 
0.375
1.69
2.39
200 –––200
 
0.19
  
0.25
0.612
0.707
0.865
1.06
1.22
225 –––225
0.470
2.11
250 –––250
 
0.17
  
0.22
 
0.316
0.775
1.41
300 –––300
0.408
0.500
0.575
0.866
1.00
1.83
325 –––325
1.24
350 –––350
 
0.15
  
0.19
 
0.267
0.655
400 –––400
0.433
0.500
0.750
0.866
1.48
500 –––500
 
0.12
  
0.16
 
0.222
0.316
0.388
0.447
0.548
1.00
1.41
600 –––600
700 –––700
0.567
0.655
750 –––750
 
0.10
  
0.13
 
0.182
0.316
0.365
0.447
0.817
1.15
800 –––800
0.250
900 –––900
0.500
0.578
1000 –––1K0
 
0.086
  
0.10
 
0.155
0.224
0.274
0.316
0.707
1.00
1200 –––1K2
0.433
0.500
1250 –––1K25
0.346
1500 –––1K5
 
0.071
  
0.090
 
0.129
0.224
0.258
0.387
0.447
0.577
0.816
1600 –––1K6
0.176
1750 –––1K75
0.358
0.414
1800 –––1K8
0.288
2000 –––2K0
0.194
0.224
0.336
0.387
0.500
2250 –––2K25
0.259
2500 –––2K5
 
0.055
  
0.070
 
0.100
0.141
0.173
0.200
0.300
0.346
0.447
0.633
3000 –––3K0
0.224
3500 –––3K5
 
0.046
  
0.060
 
0.084
0.119
4500 –––4K5
0.182
5000 –––5K0
 
0.039
  
0.050
 
0.070
0.100
0.123
0.141
7500 –––7K5
  
0.041
 
0.058
0.100
0.115
0.141
8000 –––8K0
0.079
10000 –––10K
  
0.035
 
0.050
0.070
0.087
0.100
0.122
12500 –––12K5
  
0.031
15000 –––15K
  
0.029
 
0.041
0.058
20000 –––20K
 
0.035
0.050
25000 –––25K
 
0.032
0.045
30000 –––30K
0.041
40000 –––40K
0.035
50000 –––50K
0.032
7.5W Model C
Part No.
Prefix 
Suffix
12.5W Model E
25W Model H
50W
Model J
75W
Model G
100W
Model K
150W
Model L
225W
Model P
300W
Model N
500W
Model R
1000W
Model U
= Standard values; check availability
Rheostats are silicone-ceramic coated at and
above the following ohmic values:
Model C: all
Model G: 5000
Ω
Model E: 750
Ω
Model K: 5000
Ω
Model H: 2000
Ω
Model L: 7500
Ω
Model J: 5000
Ω
Check product availability at
www.ohmite.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com