Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22100ST Datasheet(PDF) 3 Page - Analog Devices

Part # AD22100ST
Description  Voltage Output Temperature Sensor with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22100ST Datasheet(HTML) 3 Page - Analog Devices

  AD22100ST Datasheet HTML 1Page - Analog Devices AD22100ST Datasheet HTML 2Page - Analog Devices AD22100ST Datasheet HTML 3Page - Analog Devices AD22100ST Datasheet HTML 4Page - Analog Devices AD22100ST Datasheet HTML 5Page - Analog Devices AD22100ST Datasheet HTML 6Page - Analog Devices AD22100ST Datasheet HTML 7Page - Analog Devices AD22100ST Datasheet HTML 8Page - Analog Devices AD22100ST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD22100
Rev. D | Page 3 of 12
SPECIFICATIONS
TA = 25°C and V+ = 4 V to 6.5 V, unless otherwise noted.
Table 1.
AD22100K
AD22100A
AD22100S
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
VOUT = (V+/5 V) × [1.375 V +(22.5 mV/°C) × TA]
V
TEMPERATURE COEFFICIENT
(V+/5 V) × 22.5
mV/°C
TOTAL ERROR
Initial Error
TA = 25°C
±0.5
±2.0
±1.0
±2.0
±1.0
±2.0
°C
Error Overtemperature
TA = TMIN
±0.75
±2.0
±2.0
±3.7
±3.0
±4.0
°C
TA = TMAX
±0.75
±2.0
±2.0
±3.0
±3.0
±4.0
°C
Nonlinearity
TA = TMAX to TMIN
0.5
0.5
1.0
% FS1
OUTPUT CHARACTERISTICS
Nominal Output Voltage
V+ = 5.0 V, TA = 0°C
1.375
V
V+ = 5.0 V, TA = +100°C
3.625
V
V+ = 5.0 V, TA = −40°C
0.475
V
V+ = 5.0 V, TA = +85°C
3.288
V
V+ = 5.0 V, TA = −50°C
0.250
V
V+ = 5.0 V, TA = +150°C
4.750
V
POWER SUPPLY
Operating Voltage
4.0
5.0
6.5
4.0
5.0
6.5
4.0
5.0
6.5
V
Quiescent Current
500
650
500
650
500
650
µA
TEMPERATURE RANGE
Guaranteed Temperature Range
0
+100
−40
+85
−50
+150
°C
Operating Temperature Range
−50
+150
−50
+150
−50
+150
°C
PACKAGE
TO-92
TO-92
TO-92
SOIC
SOIC
SOIC
1 FS (full scale) is defined as the operating temperature range −50°C to +150°C. The listed maximum specification limit applies to the guaranteed temperature range.
For example, the AD22100K has a nonlinearity of (0.5%) × (200°C) = 1°C over the guaranteed temperature range of 0°C to +100°C.
CHIP SPECIFICATIONS
TA = 25°C and V+ = 5.0 V, unless otherwise noted.
Table 2.
Paramater
Min
Typ
Max
Unit
TRANSFER FUNCTION
VOUT = (V+/5 V) × [1.375 V +(22.5 mV/°C) × TA]
V
TEMPERATURE COEFFICIENT
(V+/5 V) × 22.5
mV/°C
OUTPUT CHARACTERISTICS
Error
TA = 25°C
±0.5
±2.0
°C
Nominal Output Voltage
TA = 25°C
1.938
V
POWER SUPPLY
Operating Voltage
4.0
5.0
6.5
V
Quiescent Current
500
650
µA
TEMPERATURE RANGE
Guaranteed Temperature Range
+25
°C
Operating Temperature Range
−50
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com