Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B02B-PASK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B02B-PASK
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B02B-PASK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B02B-PASK Datasheet HTML 1Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 2Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 3Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 4Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
407
Insulation displacement type
Crimp style
Retainer mountable type
Crimp style
Standard type
Wire to wire Connectors
High box type
SMT type
Top entry type
Side entry type
Top entry type
Side entry type
Contact
SPA-001T-P0.5
Housing
PARP-( )V
Retainer
PMS-( )V-S
Contact
SPHD-001T-P0.5
SPHD-002T-P0.5
Housing
PAP-( )V-S
Receptacle
( )PAF-6S
Retainer
PAFS-( )V-S
Shrouded header
BM( )B-PASS
BM( )B-PASS-1
SM( )B-PASS
SM( )B-PASS-1
Shrouded header
B( )B-PASK
B( )B-PASK-1
S( )B-PASK-2
Shrouded header
BH( )B-PASK
BH( )B-PASK-1
Contact
SPAL-001T-P0.5
SPAL-002T-P0.5
Receptacle housing
PALR-( )V(F)
Retainer
PMS-( )V-S
+0.1
 0
φ1.1
+0.1
 0
φ0.7
±0.05
1.5
±0.05
2.0
±0.05
A
5.8
7.2
(5.8)
PA Receptacle + PA Header
(Standard type)
PA Receptacle + PA Header
(Retainer mountable type)
PAF Receptacle + PA Header
+0.1
 0
+0.1
 0
φ0.7
φ1.1
±0.05
1.5
±0.05
2.0
±0.05
A
8.2
13.8
8.2
(18.9)
8.2
(18.8)retainer included
PA Receptacle
+ PA side entry type header
(Standard type)
PA Receptacle
+ PA side entry type header
(Retainer mountable type)
PAF Receptacle +
PA side entry type header
Through-hole type
Top entry type
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
List of combinations
PC board layout (viewed from component side) and Assembly layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com