Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMP-2-3VL Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # COMP-2-3VL
Description  3V LITHIUM COIN CELLS WITH PC MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

COMP-2-3VL Datasheet(HTML) 1 Page - Panasonic Semiconductor

  COMP-2-3VL Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47
PART NO.
X-REF
VOLTS mAh
DESCRIPTION
3 PIN HORIZONTAL PC MOUNT
COMP-141-3-10 BR2032-1GUFE 3
190
3 PIN PC MOUNT
COMP-141-3
BR2032-1HG
3
190
3 PIN PC MOUNT
COMP-2-3
BR2325-1HG
3
165
3 PIN PC MOUNT
COMP-32-3
CR2032-FT1
3
200
3 PIN PC MOUNT
COMP-32-3SPC CR2032-FT10
3
200
3 PIN PC MOUNT
COMP-60-3
CR2330-1GUF
3
255
3 PIN PC MOUNT
COMP-61-3
CR2354-1GU
3
560
3 PIN PC MOUNT
COMP-61-3C
CR2354-1GUF
3
560
3 PIN PC MOUNT
COMP-1-3
CR2430-FT
3
270
3 PIN PC MOUNT
COMP-33-3
CR2450-FT2-1
3
550
3 PIN PC MOUNT
COMP-33-3-205 CR2450-HE3
3
550
3 PIN PC MOUNT
LITH-32-3
CR2477-HE4H
3
1000
3 PIN PC MOUNT
PART NO.
X-REF
VOLTS mAh
DESCRIPTION
2 PIN HORIZONTAL PC MOUNT
LITH-2-2
BR1225-1HB
3
40
2 PIN PC MOUNT
LITH-2-2C
BR1225-1HC
3
40
2 PIN PC MOUNT
COMP-141-2
BR2032-1HE
3
190
2 PIN PC MOUNT
COMP-2-2
BR2325-1HB
3
175
2 PIN PC MOUNT
COMP-2-2C
BR2325-1HC
3
175
2 PIN PC MOUNT
COMP-2-2STK
BR2325-2HC
6
175
2 PIN PC MOUNT
COMP-60-2
BR2330-1HE
3
255
2 PIN PC MOUNT
COMP-60-2C
BR2330-1HC
3
255
2 PIN PC MOUNT
LITH-1-2
CR1220-P1
3
35
2 PIN PC MOUNT
COMP-32-2
CR2032-T14-1
3
200
2 PIN PC MOUNT
COMP-32-2-15 CR2032-P5-1
3
200
15mm PIN SPREAD
COMP-32-2-20 CR2032-T12
3
200
20 mm PIN SPREAD
COMP-32-2FP
CR2032-T19
3
200
2 PIN PC MOUNT
COMP-32-2H
CR2032-T4-2
3
200
2 PIN PC MOUNT
COMP-101-2C CR2330-1HFE
3
265
2 PIN PC MOUNT
COMP-61-2
CR-2354-1HFE
3
560
2 PIN PC MOUNT
COMP-1-2
CR2430-P1-2
3
270
2 PIN PC MOUNT
COMP-1-2RP
CR2430-P1
3
270
2 PIN PC MOUNT
COMP-33-2
CR2450-P2
3
550
2 PIN PC MOUNT
LITH-32-2
CR2477-1HF
3
1000
2 PIN PC MOUNT
2 PIN HORIZONTAL PC MOUNT
3 PIN HORIZONTAL PC MOUNT
3 PIN VERTICAL PC MOUNT
3V LITHIUM COIN CELLS WITH PC MOUNT
PART NO.
X-REF
VOLTS mAh
DESCRIPTION
3 PIN VERTICAL PC MOUNT
COMP-2-3VL
BR2325-1VG
3
165
3 PIN VERTICAL
COMP-32-3VL
CR2032-FT4-2
3
200
3 PIN VERTICAL
COMP-60-3VL
CR2330-1GV
3
255
3 PIN VERTICAL
COMP-1-3VL
CR2430-FT4-2
3
270
3 PIN VERTICAL
COMP-33-3VL
CR2450-FT5-4
3
550
3 PIN VERTICAL
PART NO.
X-REF
VOLTS mAh
DESCRIPTION
2 PIN VERTICAL PC MOUNT
LITH-2-2VL
BR1225-1VC
3
40
2 PIN VERTICAL
LITH-27-2VL
BR2020-1HV
3
100
2 PIN VERTICAL
COMP-141-2VL BR2032-1VC
3
190
2 PIN VERTICAL
COMP-2-2VL
BR2325-1VC
3
165
2 PIN VERTICAL
COMP-60-2VL
BR2330-1VC
3
255
2 PIN VERTICAL
LITH-1-2VLS
CR1220-TJ1
3
35
2 PIN VERTICAL
COMP-32-2VL
CR2032-T9-2
3
200
2 PIN VERTICAL
COMP-32-2VLH CR2032-T16
3
200
2 PIN VERTICAL
COMP-61-2VL
CR2354-1VC
3
560
2 PIN VERTICAL
COMP-1-2VL
CR2430-P2-2
3
270
2 PIN VERTICAL
COMP-1-2VLH
CR2430-T19
3
270
2 PIN VERTICAL
COMP-33-2VLH CR2450-T5
3
550
2 PIN VERTICAL
2 PIN VERTICAL PC MOUNT
<< Previous Page | Next Page >>


Similar Part No. - COMP-2-3VL

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
COMP-TOP-STENCIL-HELP-1 PROTOADVANTAGE-COMP-TOP-STENCIL-HELP-1 Datasheet
494Kb / 1P
Compact Series Adapter Top Side IC Stencil and Secondary Reflow Spacer
revision 1.0
More results

Similar Description - COMP-2-3VL

ManufacturerPart #DatasheetDescription
logo
Dubilier
CR123A DUBILIER-CR123A Datasheet
67Kb / 1P
LITHIUM COIN CELL
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
Panasonic Battery Group
CR1220-BN PANASONICBATTERY-CR1220-BN Datasheet
807Kb / 5P
LITHIUM - Coin Type
ML421 PANASONICBATTERY-ML421 Datasheet
30Kb / 1P
Manganese Lithium Coin Batteries
ML614 PANASONICBATTERY-ML614 Datasheet
39Kb / 1P
Manganese Lithium Coin Batteries
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
ML2020 PANASONICBATTERY-ML2020 Datasheet
25Kb / 1P
Manganese Lithium Coin Batteries
logo
Eaton All Rights Reserv...
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
Coin cells
KW-5R5C104-R EATON-KW-5R5C104-R Datasheet
440Kb / 4P
Coin cells
logo
Panasonic Battery Group
CR2477 PANASONICBATTERY-CR2477 Datasheet
663Kb / 6P
LITHIUM - Coin Type
AUGUST 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com