Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBAS20L Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBAS20L
Description  High Voltage Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAS20L Datasheet(HTML) 1 Page - ON Semiconductor

  SBAS20L Datasheet HTML 1Page - ON Semiconductor SBAS20L Datasheet HTML 2Page - ON Semiconductor SBAS20L Datasheet HTML 3Page - ON Semiconductor SBAS20L Datasheet HTML 4Page - ON Semiconductor SBAS20L Datasheet HTML 5Page - ON Semiconductor SBAS20L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 15
1
Publication Order Number:
BAS19LT1/D
BAS19L, NSVBAS19L,
BAS20L, SBAS20L, BAS21L,
SBAS21L, BAS21DW5,
SBAS21DW5
High Voltage
Switching Diode
Features
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
• S and NSV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q101 Qualified and PPAP Capable
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19, NSVBAS19
BAS20, SBAS20
BAS21, SBAS21
VR
120
200
250
Vdc
Repetitive Peak Reverse Voltage
BAS19, NSVBAS19
BAS20, SBAS20
BAS21, SBAS21
VRRM
120
200
250
Vdc
Continuous Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+150
°C
Power Dissipation (Note 1)
PD
385
mW
Electrostatic Discharge
ESD
HM < 500
MM < 400
V
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
HIGH VOLTAGE
SWITCHING DIODE
5
CATHODE
1
ANODE
MARKING DIAGRAMS
http://onsemi.com
3
CATHODE
1
ANODE
4
CATHODE
3
ANODE
SOT−23 (TO−236)
CASE 318
STYLE 8
SC−88A (SOT−353)
CASE 419A
SOT−23
SC−88A
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
1
2
3
1
Jx M G
G
x
= P, R, or S
P
= BAS19L, NSVBAS19L
R
= BAS20L, SBAS20L
S
= BAS21L, SBAS21L or
BAS21DW5, SBAS21DW5
M
= Date Code
G
= Pb−Free Package
2
3
Jx M G
G
1
3
3
2
1
4
5
*Date Code orientation and/or overbar may vary
depending upon the manufacturing location.
(Note: Microdot may be in either location)


Similar Part No. - SBAS20L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS20L ONSEMI-SBAS20L Datasheet
110Kb / 6P
High Voltage Switching Diode
September, 2012 ??Rev. 14
SBAS20LT1G ONSEMI-SBAS20LT1G Datasheet
110Kb / 6P
High Voltage Switching Diode
September, 2012 ??Rev. 14
SBAS20LT1G ONSEMI-SBAS20LT1G Datasheet
75Kb / 6P
High Voltage Switching Diode
November, 2016 ??Rev. 18
More results

Similar Description - SBAS20L

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com