Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2N60 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP2N60
Description  TMOS POWER FET 2.0 AMPERES 600 VOLTS RDS(on) = 3.8 OHMS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2N60 Datasheet(HTML) 2 Page - Motorola, Inc

  MTP2N60 Datasheet HTML 1Page - Motorola, Inc MTP2N60 Datasheet HTML 2Page - Motorola, Inc MTP2N60 Datasheet HTML 3Page - Motorola, Inc MTP2N60 Datasheet HTML 4Page - Motorola, Inc MTP2N60 Datasheet HTML 5Page - Motorola, Inc MTP2N60 Datasheet HTML 6Page - Motorola, Inc MTP2N60 Datasheet HTML 7Page - Motorola, Inc MTP2N60 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP2N60E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (positive)
V(BR)DSS
600
—
—
480
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 600 Vdc, VGS = 0 Vdc)°
(VDS = 480 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
0.25
1.0
mA
Gate–Body Leakage Current — Forward (VGSF = 20 Vdc, VDS = 0 Vdc)
IGSSF
—
—
100
nAdc
Gate–Body Leakage Current — Reverse (VGSR = 20 Vdc, VDS = 0 Vdc)
IGSSR
—
—
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (negative)
µ
VGS(th)
2.0
—
3.1
8.5
4.0
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance (VGS = 10 Vdc, ID = 1.0 Adc)
RDS(on)
—
3.3
3.8
Ohm
Drain–to–Source On–Voltage
(VGS = 10 Vdc, ID = 2.0 Adc)°
(VGS = 10 Vdc, ID = 1.0 Adc, TJ = 125°C)
VDS(on)
—
—
—
—
8.2
8.4
Vdc
Forward Transconductance (VDS ≥ 50 Vdc, ID = 1.0 Adc)
g
FS
1.0
—
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
—
435
—
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Crss
—
56
—
Output Capacitance
f = 1.0 MHz)
Coss
—
9.2
—
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 300 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, Rg = 18 Ω)
td(on)
—
12
—
ns
Rise Time
(VDD = 300 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, Rg = 18 Ω)
tr
—
21
—
Turn–Off Delay Time
(VDD = 300 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, Rg = 18 Ω)
td(off)
—
30
—
Fall Time
tf
—
24
—
Gate Charge
(VDS = 400 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
—
13
22
nC
(VDS = 400 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q1
—
2.0
(VDS = 400 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q2
—
6.0
—
Q3
—
5.0
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 2.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
1.0
1.6
Vdc
(IS = 2.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc, TJ = 125°C)
—
0.9
—
Reverse Recovery Time
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
—
340
—
ns
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
″
(Measured from the drain 0.25
″ from package to center of die)
Ld
—
—
3.5
4.5
—
—
nH
Internal Source Inductance
(Measured from the source pin 0.25
″ from package to source bond pad.)
Ls
—
7.5
—
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com