Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE150S-CD Datasheet(PDF) 1 Page - SL Power Electronics

Part # LE150S-CD
Description  150W Single Output LED Driver Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LE150S-CD Datasheet(HTML) 1 Page - SL Power Electronics

  LE150S-CD Datasheet HTML 1Page - SL Power Electronics LE150S-CD Datasheet HTML 2Page - SL Power Electronics LE150S-CD Datasheet HTML 3Page - SL Power Electronics LE150S-CD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LE150S-CD
150W Single Output
LED Driver Series
www.slpower.com
LE150S-CD REV 2.0, 11-FEB-13
1
Features
High Efficiency (up to 93%)
Wide Range Universal Input 90-305 VAC
Active Power Factor Correction (0.99 typical)
Constant Current Output
Dimming Function
Lightning Protection
Waterproof (IP67)
Overcurrent, Overvoltage, Overtemperature
Protection
Meets UL8750 & EN61347 Safety
3 Year Warranty
Description
The LE150S-CD Series operate from a 90 ~ 305Vac input range. These units will provide up to a 1.4 A of
output current and a maximum output voltage of 214Vdc for 150 W maximum output power. They are designed
to be highly efficient and highly reliable. The standard features include dimming control, lightning protection,
over voltage protection, short circuit protection, and over temperature protection.
Model Selection
Model
Output
Output
Efficiency*
Ripple &
Regulation
Overvoltage
Number
Current
Voltage
110Vac
220Vac
Noise**
Line
Load
Trip Level
LE150S140CD
1330mA-1470mA
53V – 107V
89%-90%
91%-92%
3.2V pk-pk max.
±
1%
±
3%
128V – 161V
LE150S70CD
665mA-735mA
107V – 214V
90%-91%
92%-93%
6.5V pk-pk max.
±
1%
±
3%
257V – 321V
Notes:
1. Efficiency measured at full load, at input voltage noted.
2. Measured at 20MHz bandwidth, with noise probe directly across output terminals, and load terminated with 0.1µF ceramic and 10µF low ESR electrolytic
capacitors.
General Specifications
AC Input
90-305Vac, 47-63Hz, 1∅
Turn On Time
2.0 seconds, max.
Input Current
100Vac: 1.8A, 220Vac: 0.9A
Dimming
Function
1-10Vdc source or External Resistor can be
used for dimming control. See below.
Inrush Current
230Vac, cold start: will not exceed 65A
Overload
Protection
Constant Current
Input Fuses
XA, 250VAC fuses provided on all models
Short Circuit
Protection
Provided - no damage to unit, self-recovery.
Earth Leakage
Current
<0.75mA@277Vac, 50Hz
Overvoltage
Protection
Latch mode. AC input will need to be reset to
return to normal operation after an OVP
condition. See chart for trip range.
Efficiency
See Models chart.
Overtemperature
Protection
Latch mode. AC input will need to be reset
To return to normal operation after an OTP
condition. Trip Temperature = 110°C typical.
Output Power
150W continuous


Similar Part No. - LE150S-CD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LE150S-VN SLPOWER-LE150S-VN Datasheet
641Kb / 3P
150W Single Output LED Driver Series
More results

Similar Description - LE150S-CD

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
Single output 50W ~ 150W
logo
Mean Well Enterprises C...
HVGC-150 MEANWELL-HVGC-150 Datasheet
261Kb / 6P
150W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150_13 Datasheet
379Kb / 7P
150W Single Output LED Power Supply
logo
SL Power Electronics
LE150S-VN SLPOWER-LE150S-VN Datasheet
641Kb / 3P
150W Single Output LED Driver Series
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
150W Single Output LED Power Supply
logo
SL Power Electronics
LE150SCD SLPOWER-LE150SCD Datasheet
946Kb / 4P
150W Single Output LED Driver Series
LE150SVN SLPOWER-LE150SVN Datasheet
645Kb / 3P
150W Single Output LED Driver Series
logo
Mean Well Enterprises C...
LPC-150 MEANWELL-LPC-150 Datasheet
88Kb / 2P
150W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com