Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1108EDC Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD1108EDC
Description  QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1108EDC Datasheet(HTML) 8 Page - Advanced Linear Devices

Back Button ALD1108EDC Datasheet HTML 2Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 3Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 4Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 5Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 6Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 7Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 8Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 9Page - Advanced Linear Devices ALD1108EDC Datasheet HTML 10Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ALD1108E/ALD1110E
Advanced Linear Devices
8
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
4
3
2
1
0
-1
-2
-3
-4
REPRESENTATIVE UNITS
GATE SOURCE VOLTAGE
vs. ON - RESISTANCE
5.0
4.0
3.0
2.0
1.0
0.1
1
100
10
1000
10000
+25
°C
ON - RESISTANCE (K
Ω)
+125
°C
VDS
IDS(ON)
D
VGS
S
0.0V
≤ VDS ≤ 5.0V
DRAIN - GATE DIODE CONNECTED VOLTAGE
TEMPCO vs. DRAIN SOURCE ON CURRENT
5
DRAIN SOURCE ON CURRENT (
µA)
1
10
100
1000
-55
°C ≤ TA ≤ +125°C
0
-5
-2.5
2.5
GATE LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
-50
-25
0
25
50
125
100
75
500
400
300
200
600
100
0
AMBIENT TEMPERATURE (
°C)
IGSS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com