Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1102SA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1102SA
Description  DUAL P-CHANNEL MATCHED MOSFET PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1102SA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1102SA Datasheet HTML 1Page - Advanced Linear Devices ALD1102SA Datasheet HTML 2Page - Advanced Linear Devices ALD1102SA Datasheet HTML 3Page - Advanced Linear Devices ALD1102SA Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALD1102A/ALD1102B
Advanced Linear Devices
3
ALD1102
TYPICAL PERFORMANCE CHARACTERISITCS
OUTPUT CHARACTERISTICS
DRAIN - SOURCE VOLTAGE (V)
-80
-60
-40
-20
0
VBS = 0V
TA = 25°C
-10V
-8V
-6V
-4V
-2V
0-8
-2
-6
-4
-10
-12
VGS = -12V
LOW VOLTAGE OUTPUT
CHARACTERISTICS
DRAIN -SOURCE VOLTAGE (mV)
-320
-160
0
160
320
-4
4
2
0
-2
-4V
VGS = -12V
-6V
VBS = 0V
TA = 25°C
-2V
-12
FORWARD TRANSCONDUCTANCE
vs. DRAIN - SOURCE VOLTAGE
DRAIN - SOURCE VOLTAGE (V)
0-8
-2
-6
-4
-10
10000
5000
2000
1000
500
200
100
VBS = 0V
f = 1KHz
IDS = -5mA
TA = +125°C
TA = +25°C
IDS = -1mA
TRANSFER CHARACTERISTIC
WITH SUBSTRATE BIAS
GATE - SOURCE VOLTAGE (V)
0
-0.8
-1.6
-2.4
-3.2
-4.0
-20
-15
-10
-5
0
VBS = 0V
4V
6V
8V
10V
12V
VGS = VDS
TA = 25°C
2V
GATE - SOURCE VOLTAGE (V)
RDS (ON) vs. GATE - SOURCE VOLTAGE
10000
1000
100
10
-2
0
-4
-6
-8
-10
-12
VDS = 0.4V
VBS = 0V
TA = +125°C
TA = +25°C
OFF DRAIN - CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
-50
-25
+25
+50
+75
+125
+100
0
-10X10-6
VDS = -12V
VGS = VBS = 0V
-10X10-12
-10X10-9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com