Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1722ESA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1722ESA
Description  EPAD??OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1722ESA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1722ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 8Page - Advanced Linear Devices ALD1722ESA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ALD1722E/ALD1722
Advanced Linear Devices
1
EPAD™ OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD1722E/ALD1722
GENERAL DESCRIPTION
The ALD1722E/ALD1722 is a monolithic rail-to-rail precision CMOS
operational amplifier with integrated user programmable EPAD (Electri-
cally Programmable Analog Device) based offset voltage adjustment. The
ALD1722E/ALD1722 is a direct replacement of the ALD1702 operational
amplifier, with the added feature of user-programmable offset voltage
trimming resulting in significantly enhanced total system performance and
user flexibility.
EPAD technology is an exclusive ALD design which has
been refined for analog applications where precision voltage trimming is
necessary to achieve a desired performance. It utilizes CMOS FETs as
in-circuit elements for trimming of offset voltage bias characteristics with
the aid of a personal
computer under software control.
Once pro-
grammed, the set parameters are stored indefinitely within the device even
after power-down. EPAD offers the circuit designer a convenient and cost-
effective trimming solution for achieving the very highest amplifier/system
performance.
The ALD1722E/ALD1722 operational amplifier features rail-to-rail input
and output voltage ranges, tolerance to over-voltage input spikes of
300mV beyond supply rails, high capacitive loading up to 4000pF, ex-
tremely low input currents of 0.01pA typical, high open loop voltage gain,
useful bandwidth of 1.5 MHz, slew rate of 2.1 V/
µs, and low supply current
of 0.8mA.
BENEFITS
• Eliminates manual and elaborate
system trimming procedures
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Extremely small total functional
volume size
• Low system implementation cost
• Low power
* Contact factory for industrial temperature range
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD1722E DA
ALD1722E SA
ALD1722E PA
ALD1722 DA
ALD1722 SA
ALD1722 PA
ORDERING INFORMATION
PIN CONFIGURATION
1
2
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
VE1
-IN
+IN
VE2
OUT
N/C
V-
V+
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
KEY FEATURES
• EPAD ( Electrically Programmable Analog Device)
• User programmable VOS trimmer
• Computer-assisted trimming
• Rail-to-rail input/output
• Compatible with standard EPAD Programmer
• High precision through in-situ circuit precision trimming
• Reduce or eliminate VOS, PSRR, CMRR and TCVOS errors
• System level “calibration” capability
• In-System Programming capable
• Electrically programmable to compensate for external
component tolerances
• Achieve 0.01pA input bias current and 25
µV
input offset voltage simultaneously
• Compatible with industry standard pinout


Similar Part No. - ALD1722ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1722ESA ALD-ALD1722ESA Datasheet
18Kb / 2P
EPAD짰 PRODUCT SELECTION GUIDE
ALD1722ESAL ALD-ALD1722ESAL Datasheet
107Kb / 13P
EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1722ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD2724E ALD-ALD2724E Datasheet
58Kb / 10P
DUAL EPAD PRECISION HIGH SLEW RATE CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com