Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1726ESA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1726ESA
Description  EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1726ESA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1726ESA Datasheet HTML 1Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 2Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 3Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 4Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 5Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 6Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 7Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 8Page - Advanced Linear Devices ALD1726ESA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ADVANCED
LINEAR
DEVICES, INC.
ALD1726E/ALD1726
PIN CONFIGURATION
1
2
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
VE1
-IN
+IN
VE2
OUT
N/C
V-
V+
EPAD™ ULTRA MICROPOWER OPERATIONAL AMPLIFIER
GENERAL DESCRIPTION
The
ALD1726E/ALD1726 is a monolithic rail-to-rail ultra-micropower
precision CMOS operational amplifier with integrated user programmable
EPAD (Electrically Programmable Analog Device) based offset voltage
adjustment.
The ALD1726E/ALD1726 is a direct replacement of the
ALD1706 operational amplifier, with the added feature of user-program-
mable offset voltage trimming resulting in significantly enhanced total
system performance and user flexibility. EPAD technology is an exclusive
ALD design which has been refined for analog applications where preci-
sion voltage trimming is necessary to achieve a desired performance. It
utilizes CMOS FETs as in-circuit elements for trimming of offset voltage
bias characteristics with the aid of a personal computer under software
control. Once programmed, the set parameters are stored indefinitely
within the device even after power-down. EPAD offers the circuit designer
a convenient and cost-effective trimming solution for achieving the very
highest amplifier/system performance.
The ALD1726E/ALD1726 operational amplifier features rail-to-rail input
and output voltage ranges, tolerance to over-voltage input spikes of
300mV beyond supply rails, extremely low input currents of 0.01pA typical,
high open loop voltage gain, useful bandwidth of 200KHz, slew rate of 0.17
V/
µs, and low typical supply current of 25µA.
BENEFITS
• Eliminates manual and elaborate
system trimming procedures
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Extremely small total functional
volume size
• Low system implementation cost
• Micropower and Low Voltage
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
KEY FEATURES
•
EPAD ( Electrically Programmable Analog Device)
•
User programmable VOS trimmer
•
Computer-assisted trimming
•
Rail-to-rail input/output
•
Compatible with standard EPAD Programmer
•
High precision through in-system circuit precision trimming
•
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
•
System level “calibration” capability
•
Application-Specific Programming mode
•
In-System Programming mode
•
Electrically programmable to compensate for
external component tolerances
•
Achieves 0.01pA input bias current and 50
µV
input offset voltage simultaneously
•
Compatible with industry standard pinout
ORDERING INFORMATION
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD1726E DA
ALD1726E SA
ALD1726E PA
ALD1726 DA
ALD1726 SA
ALD1726 PA
* Contact factory for industrial temperature range
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1726ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726ESA ALD-ALD1726ESA Datasheet
18Kb / 2P
EPAD짰 PRODUCT SELECTION GUIDE
ALD1726ESAL ALD-ALD1726ESAL Datasheet
108Kb / 13P
EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1726ESA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E Datasheet
64Kb / 10P
EPAD??OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721 Datasheet
58Kb / 10P
DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722 Datasheet
58Kb / 10P
DUAL EPAD TM OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726 Datasheet
58Kb / 10P
DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com