Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD3872DB1 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD3872DB1
Description  MD3872 Front-End Ultrasound Receiver Demoboard
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD3872DB1 Datasheet(HTML) 2 Page - Supertex, Inc

  MD3872DB1 Datasheet HTML 1Page - Supertex, Inc MD3872DB1 Datasheet HTML 2Page - Supertex, Inc MD3872DB1 Datasheet HTML 3Page - Supertex, Inc MD3872DB1 Datasheet HTML 4Page - Supertex, Inc MD3872DB1 Datasheet HTML 5Page - Supertex, Inc MD3872DB1 Datasheet HTML 6Page - Supertex, Inc MD3872DB1 Datasheet HTML 7Page - Supertex, Inc MD3872DB1 Datasheet HTML 8Page - Supertex, Inc MD3872DB1 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
MD3872DB1
Supertex inc.
www.supertex.com
Doc.# DSDB-MD3872DB1
A051713
MD3872DB1 Hardware Design
The eight channels of MD3872 LNA inputs are connected
to eight input signal SMA connectors via a transmit/receive
switch circuit, TRSW, as shown below. The T/R switches
used here are two Supertex MD0105s, 4-channel, ±130V,
15Ω devices. They are two-terminal devices. A pair of back-
to-back diodes, D24, are present to protect the LNA input
circuit from high-voltage transmission pulses and voltage
spikes from the transducer and long cable lines. The T/R
switch provides a low on-resistance (normal ON state) at
receiving time and a high impedance (OFF state) when high
voltage pulses are present. These input circuits enable the
user to directly evaluate their echo signal processing using
the MD3872 front-end receiver in their ultrasound system.
The trans impedance LNA gain setting of resistor R
f1 (R125)
is 249Ω when LNA SW is OFF. Because the R
f2 (R124)
is 590Ω, that means when LNA SW is ON, the effective
resistance is R
f1//Rf2 = 175Ω. See the MD3872 datasheet
for the LNA input impedance calculation and LNA SW SPI
control bits.
In order to simplify testing of the CW cross-point switch
current source outputs, one channel CW1± pins have been
connected to a tightly coupled, center-taped, wind-band RF
transformer T2 and to an SMA connector J21.
There is an SPI serially interfaced 12-bit precision DAC on
board for quick evaluation of the TGC function of MD3872.
It can generate 0 to 1.8V with 0.44mV step resolution. R45
and R34 form a simple DAC output voltage-divider file that
scales the TGC signal. The Gain-Scaling Control pin GSC
has been pulled up to 1.8V AVDD by R30, which means that
GSC is set to 50dB/V TGC gain on this demoboard. One
can easily install a proper value on the resistor R36 (open as
default) to reset the TGC gain. Note that the VGSC minimum
voltage is 1.44V, which sets the TGC gain to about 66dB/V.
Although there is a built-in ADC reference voltage source
in MD3872, for evaluating the external referencing option,
there is an additional on-board precision 1.024V reference
device, U9, which can work with the jumper J24 to select the
internal or external reference. When selecting the external
reference, the EXT jumper should be Hi.
The MD3872 reference pins’ top and bottom voltages of
the ADC are not only for testing the voltages, but also for
bypassing capacitors differentially (C135 & C146) as well
as common-mode to ground (C153 & C154). When the IC
is working at 40 or 50MSPS speeds, all eight channels of
the ADl need a very large peak current into or out of the
reference voltage pins. It is important to keep the ADC
reference filtered as the current ripples especially in the
differential mode.
Users should leave the EBC pin disconnected. It is for
manufacturer testing only. The AVDD pins are connected to
a low noise +1.8V isolated power supply. The AVDD supply
pins need to be thoroughly decoupled to make sure that LNA
is working a low EMI/RFI conditions.
All digital outputs, especially the eight channels of LVDS,
working at 480bit/s data speed consumes a large amount of
power. One can slightly increase the DVDD voltage by +1.90
to 1.95V for better LVDS output waveforms at 300MHz DCLK
when 50MSPS maximum sampling rate becomes necessary.
The DVDD power rail is supplied by a separate LDO U11.
These AVDD and DVDD regulators feedback sense pins are
directly connected to the ferrite bead down stream and the
corresponding power supply pins separately. This method
will provide accurate voltage and lower noise.
The MD3872 +3.3V CVDD it connected to a CW cross point
switch circuit. Foe those applications that do not need CW
signals, one can simply connect the CVDD to 1.8 as well.
PCB Board Design
The MD3872 sampling clock input signals are 40 or 50MHz
from two low-jitter LVDS crystal oscillators, via a shared
differential-clock bus, which is terminated with a 100Ω
differential load resistor. The bus lines must be comprised
of two closely coupled, length-matched, 50Ω impedances to
ground. The 100Ω resistor load must be placed very close to
the MD3872 CLK± pins.
Besides the clock input pins, all the other pairs of LVDS
output pins to FPGA de-serialized input pairs also need to
be the same type of transmission lines that are designed
on the PCB. The termination resistors, however, are not
needed due to the built-in LVDS termination feature of the
Spartan-6 FPGA circuit. But length-matching of the LVDS
lines is very critical to the ADC output data pairs OUTn± vs.
DCLK± and FCLK± pairs. Precision trace line impedance-
control by a PCB fabrication house is highly recommended,
although MD3872 has built-in programmable LVDS output
skew alignment features.
The most important thing about the PCB design for the
MD3872 receiver front-end IC, besides the line impedance
control, is the ground plane selection and ground integrity.
Supertex recommends that if MD3872 is on the top layer
of the PCB stack, then the ground must be the second
layer. The center-bottom of the IC’s thermal pad should be
well connected to the ground plane electrically as well as
thermally. The vias on the thermal pads should use about
a 0.3mm diameter drill for the through hole matrices with
1.0mm pitch. However, do not let the pad electrically con-
nect to the other layers of the PCB stack, even if they are
named as GND , but thermally it can connect to as many



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com