Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD500PC Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD500PC
Description  PRECISION INTEGRATING ANALOG PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500PC Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD500PC Datasheet HTML 2Page - Advanced Linear Devices ALD500PC Datasheet HTML 3Page - Advanced Linear Devices ALD500PC Datasheet HTML 4Page - Advanced Linear Devices ALD500PC Datasheet HTML 5Page - Advanced Linear Devices ALD500PC Datasheet HTML 6Page - Advanced Linear Devices ALD500PC Datasheet HTML 7Page - Advanced Linear Devices ALD500PC Datasheet HTML 8Page - Advanced Linear Devices ALD500PC Datasheet HTML 9Page - Advanced Linear Devices ALD500PC Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Advanced Linear Devices
ALD500AU/ALD500A/ALD500
1CINT
Integrator capacitor connection.
2V-
Negative power supply.
3CAZ
The Auto-zero capacitor connection.
4
BUF
The Integrator resistor buffer connection.
5
AGND
This pin is analog ground.
6C-REF
Negative reference capacitor connection.
7C+REF
Positive reference capacitor connection.
8V-REF
External voltage reference (-) connection.
9V+REF
External voltage reference (+) connection.
10
V-IN
Negative analog input.
11
V+IN
Positive analog input.
12
A
Converter phase control MSB Input.
13
B
Converter phase control LSB Input.
14
COUT
Comparator output. COUT is HIGH during the Integration phase when a positive input voltage is being integrated and
is LOW when a negative input voltage is being integrated. A HIGH-to-LOW transition on COUT signals the processor
that the Deintegrate phase is completed. COUT is undefined during the Auto-Zero phase. It should be monitored to
time the Integrator Zero phase.
15
DGND
Digital ground.
16
V+
Positive power supply.
PIN DESCRIPTION
Pin No.
Symbol
Description
Switch Functions
Input
Reference Input
Auto Zero
Reference
VIN=AGND
System
Connect
Polarity
Sample
Offset
Conversion
Control
Phase
Logic
SWIN
SW+R or SW-R
SWAZ
SWR
SWG
SWS
Auto Zero
A = 0, B = 1
Open
Open
Closed
Closed
Closed
Open
Input Signal
A = 1, B = 0
Closed
Open
Open
Open
Open
Open
Integration
Reference Voltage
A = 1, B = 1
Open
Closed*
Open
Open
Closed
Open
Deintegration
Integrator
A = 0, B = 0
Open
Open
Open
Closed
Closed
Closed
Output Zero
*SW+R would be closed for a positive input signal. SW-R would be closed for a negative input signal.
Table 1. Conversion Phase and Control Logic Internal Analog Switch Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com