Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD500SC Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD500SC
Description  PRECISION INTEGRATING ANALOG PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD500SC Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD500SC Datasheet HTML 1Page - Advanced Linear Devices ALD500SC Datasheet HTML 2Page - Advanced Linear Devices ALD500SC Datasheet HTML 3Page - Advanced Linear Devices ALD500SC Datasheet HTML 4Page - Advanced Linear Devices ALD500SC Datasheet HTML 5Page - Advanced Linear Devices ALD500SC Datasheet HTML 6Page - Advanced Linear Devices ALD500SC Datasheet HTML 7Page - Advanced Linear Devices ALD500SC Datasheet HTML 8Page - Advanced Linear Devices ALD500SC Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Advanced Linear Devices
ALD500AU/ALD500A/ALD500
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V
+ = +5.0V V- = -5.0V (VSUPPLY = ±5.0 V) unless otherwise specified; CAZ = CREF = 0.47µf
500AU
500A
500
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Resolution
15
30
30
60
60
µV
Note 1
Zero-Scale
ZSE
0.0025
0.003
0.005
%
Error
0.003
0.005
0.008
%
0
°C to 70°C
End Point
ENL
0.005
0.005
0.010
0.005
0.015
%
Notes 1, 2
Linearity
0.007
0.015
0.020
0
°C to +70°C
Best Case
NL
0.0025
0.003
0.005
0.003
0.008
%
Notes 1, 2
Straight Line
Linearity
0.004
0.008
0.015
0
°C to +70°C
Zero-Scale
TCZS
0.3
0.6
0.3
0.7
0.3
0.7
µV/°C0°C to +70°C
Temperature
Coefficient
0.15
0.3
0.15
0.35
0.15
0.35
ppm/
°C
Note 1
Full-Scale
SYE
0.005
0.008
0.01
%
Symmetry Error
(Rollover Error)
0.008
0.010
0.012
%
0
°C to 70°C
Full-Scale
TCFS
1.3
1.3
1.3
ppm/
°C0°C to +70°C
Temperature
Coefficient
Input
IIN
22
2
pA
VIN = 0V
Current
Common-Mode
CMVR
V-+1.5
V+-1.5
V
-+1.5
V+-1.5
V-+1.5
V+-1.5
V
Voltage Range
Integrator
VINT
V-+0.9
V+-0.9
V
-+0.9
V+-0.9
V-+0.9
V+-0.9
V
Output Swing
Analog Input
VIN
V-+1.5
V+-1.5
V
-+1.5
V+-1.5
V-+1.5
V+-1.5
V
AGND = 0V
Signal Range
Voltage
VREF
V-+1
V+-1
V
-+1
V+-1
V-+1
V+-1
V
Reference
Range
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PC, SC, SWC package
0
°C to +70°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com