Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB985 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SB985
Description  TRANSISTOR (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SB985 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SB985 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SB985 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
1
W (Tamb=25
℃)
Collector current
ICM:
-3
A
Collector-base voltage
V(BR)CBO:
-60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-10µA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-1
µA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-1
µA
hFE(1)
VCE=-2V, IC=-100mA
100
560
DC current gain
hFE(2)
VCE=-2V, IC=-3A
40
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB=-100mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB=-100mA
-1.2
V
Transition frequency
fT
VCE=-10V, IC=-50mA
100
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
50
pF
CLASSIFICATION OF hFE(1)
Rank
R
S
T
U
Range
100-200
140-280
200-400
280-560
TO-92MOD
1. EMITTER
2. COLLECTOR
3. BASE
123
2SB985
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SB985

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB985 SANYO-2SB985 Datasheet
96Kb / 3P
Large-Current Driving Applications
logo
TRANSYS Electronics Lim...
2SB985 TEL-2SB985 Datasheet
61Kb / 1P
Plastic-Encapsulated Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
Nanjing International G...
2SB985 DGNJDZ-2SB985 Datasheet
332Kb / 1P
TO-92MOD Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
2SB985 FOSHAN-2SB985 Datasheet
677Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB985

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com