Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB1030-2R5106-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HB1030-2R5106-R
Description  Supercapacitors HB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HB1030-2R5106-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HB1030-2R5106-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HB1030-2R5106-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
Features & Benefits
• Ultra low ESR for high power density
• Large capacitance for high energy density
• UL Recognized
Supercapacitors
HB Series
Specifications
Working Voltage
2.5V
Surge Voltage
3.0V
Capacitance
3.0F to 110F
Capacitance Tolerance
-10% to +30% (20°C)
Operating Temperature Range
-25°C to 70°C
Extended Operating Temperature Range
-25°C to 85°C (with linear voltage derating to 2.1V @ 85°C)
Standard Product
Maximum ESR (
Ω)
Nominal
(Equivalent Series Resistance)
Leakage Current (
μA)
Nominal
Capacitance
Measured @
After 72 Hrs.
Dimensions (mm)
Typical Mass
(F)
Part Number
1kHz
100Hz
@ 20°C
Diameter
Length
(grams/piece)
3
HB0820-2R5305-R
0.155
0.160
7
8
20
1.5
5
HB1020-2R5505-R
0.095
0.100
11
10
20.5
2.4
6
HB0830-2R5605-R
0.095
0.100
11
8
30
2.4
10
HB1030-2R5106-R
0.060
0.060
20
10
30
3.5
15
HB1325-2R5156-R
0.045
0.050
22
13
26
4.8
25
HB1625-2R5256-R
0.036
0.040
28
16
25
8.2
35
HB1635-2R5356-R
0.028
0.030
32
16
35
9.8
60
HB1840-2R5606-R
0.023
0.025
47
18
40
13.8
110
HB1860-2R5117-R
0.018
0.020
180
18
60
22
Performance
Capacitance Change
ESR
Parameter
(% of initial Specified value)
(% of initial specified value)
Life (1000 hrs @ 70°C @ 2.5Vdc)
< 30 %
< 200 %
Storage - Low and High Temperature
(1000 hrs @ -25°C and 85°C)
< 30 %
< 200 %
Pb
HALOGEN
HF
FREE
1211
BU-SB111359
Page 1 of 2
Data Sheet: 4375
Cylindrical Device


Similar Part No. - HB1030-2R5106-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HB1030-2R5106-R COOPER-HB1030-2R5106-R Datasheet
201Kb / 2P
Supercapacitors
logo
Eaton All Rights Reserv...
HB1030-2R5106-R EATON-HB1030-2R5106-R Datasheet
426Kb / 5P
Cylindrical cells
More results

Similar Description - HB1030-2R5106-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
Supercapacitors XB Series
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
Supercapacitors XV Series
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
Supercapacitors PB Series
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
Type HB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
Supercapacitors FA Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
Supercapacitors FG Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
Supercapacitors FR Series
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
Supercapacitors FY Series
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
Supercapacitors FY Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com