Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4B04B-524-RCLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4B04B-524-RCLF
Description  Line Protection Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4B04B-524-RCLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4B04B-524-RCLF Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
4B04B-524-RC - Line Protection Module
Matched Pair of Resistors plus Thermal Fuse
Electrical Characteristics
Resistance Values (R1 = R2) .................................15 ohms- 60 ohms
Resistance Tolerance
>34Ω ........................................................................................±2 %
<34Ω ........................................................................................±5 %
TCR ..................................................................................100 ppm/°C
Ratio Tolerance
>34Ω .....................................................................................±0.5 %
<34Ω ........................................................................................±2 %
Temperature Range...................................................-40 ºC to +85 ºC
Physical Characteristics
Body Style ..........................................................Open Frame SIP
Substrate Material ..................................................96 % Alumina
Lead Frame Material .................................Copper, solder coated
Flammability...............................................Conforms to UL94V-0
Functional Characteristics (per Bellcore GR-1089)
First Level Lightning Surge -
Resistors will remain within tolerance after testing.
1000 Volts Peak, 100 Amp Peak Current,
Max. Rise/Min. Decay Time 10x1000 µs,
Number of Pulses ..............................25 each resistor each polarity
25 simultaneous each polarity
2500 Volts Peak, 500 Amp Peak Current,
Max. Rise/Min. Decay Time 2x10 µs,
Number of Pulses .............................10 simultaneous each polarity
First Level AC Power Fault -
Resistors will remain within tolerance after testing.
50 Vrms, .33 Amp Short Circuit Current,
Duration...........................................................................15 minutes
100 Vrms, .17 Amp Short Circuit Current,
Duration...........................................................................15 minutes
600 Vrms, 1.0 Amp Short Circuit Current,
Duration ........................................................60 One-second pulses
Second Level Lightning Surge -
Resistor package must fail safely causing no fire,
electrical, or framentation hazard.
5000 Volts Peak, 500 Amp Peak Current,
Max. Rise/Min. Decay Time 2x10 µs,
Number of Pulses ...............................1 simultaneous each polarity
Second Level AC Power Fault -
Resistor package must fail safely causing no fire,
electrical, or framentation hazard.
Features
■ RoHS compliant* versions available
■ Matched pair of resistors plus
thermal fuse
■ Power line fault/lightning protection to
BELLCORE GR-1089
■ Typical application is secondary
protection on telecom line cards
■ UL 497A recognition
■ Thermal fuse links
■ Bourns TISP
® products are recommended
for the overvoltage section of the
protection circuit
1
4
11
14
8.89
(.350)
7.62
(.300)
17.78
(.700)
51.05
(2.010)
MAX.
3.05
(.120)
MAX.
0.36
(.014)
MAX.
12.19
(.480)
3.43 ± .381
(.135 ± .015)
R1
1
4
11
R2
14
How To Order
4B 04 B - 524 - RC LF
Model
(4B = Open Frame)
Number of Pins
Physical Configuration
Electrical Configuration
• 524 = Matched Pair of Resistors plus Thermal Fuse
Resistance Code
• First 2 digits are significant
• Third digit represents the number of zeros to follow
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
Product Dimensions
Electrical Schematic
Break Open Time
DIMENSIONS:
MM
(INCHES)
REV. 06/11
Standard Resistance Values
Resistance
Resistance
(ohms)
Code
20
200
40
400
50
500


Similar Part No. - 4B04B-524-RCLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4B04B-524-RC BOURNS-4B04B-524-RC Datasheet
491Kb / 1P
Line Protection Network
More results

Similar Description - 4B04B-524-RCLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4A08P-505-RC BOURNS-4A08P-505-RC Datasheet
508Kb / 1P
Surge Line Protection Module
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
354Kb / 1P
Surge Line Protection Module
4B06B-512-RC BOURNS-4B06B-512-RC Datasheet
380Kb / 1P
Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC Datasheet
632Kb / 1P
Surge Line Protection Module
4B08B-513-RC BOURNS-4B08B-513-RC Datasheet
309Kb / 1P
Surge Line Protection Module
4A12P-1AH-12R5 BOURNS-4A12P-1AH-12R5 Datasheet
454Kb / 3P
Surge Line Protection Module
4A12P-506-500 BOURNS-4A12P-506-500_11 Datasheet
355Kb / 1P
Surge Line Protection Module
4B04B-523-RC BOURNS-4B04B-523-RC_11 Datasheet
208Kb / 1P
Line Protection Module
4B06B-540-VB01-VB02 BOURNS-4B06B-540-VB01-VB02 Datasheet
294Kb / 1P
Line Protection Module
4B06B-DF1-B01L BOURNS-4B06B-DF1-B01L Datasheet
364Kb / 1P
Line Protection Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com