Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB804P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LB804P
Description  Enclosed Isolators 3, 4, 6 and 8 Poles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB804P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LB804P Datasheet HTML 1Page - List of Unclassifed Manufacturers LB804P Datasheet HTML 2Page - List of Unclassifed Manufacturers LB804P Datasheet HTML 3Page - List of Unclassifed Manufacturers LB804P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Enclosed Isolators
3, 4, 6 and 8 Poles
Page <2>
26/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Isolator Rating
(AC-21)
Measure
Switch
Code
LB20
LB25
LB32
LB40
LB63
LB80
LB100
LB125
Rated Operational Voltage, UE
IEC / EN / VDE
Volts
V
690
690
690
690
690
690
690
690
UL / CSA
600
600
600
600
600
600
600
600
Main Switch:
Isolating Voltage up to
750
750
750
750
750
750
750
750
Resistance to Surge
Pulse Voltage, Uimp
KV
6
6
6
6
6
6
6
6
Rated Uninterrupted
Current, Iu
Amperes
A
16
20
25
32
40
63
100
125
Rated Uninterrupted Current, Ie
IEC / EN /
VDE
AC-22
Amperes
A
16
20
25
32
40
63
100
125
AC-21 A
20
25
32
40
63
80
AC-1
UL / CSA
16
20
25
32
40
63
Rated Operational Power at 50 to 60 Hz (IEC / EN / VDE)
IEC / EN /
VDE
AC-23 A
3 Phase
3 Pole
220 to 240 V
kW
3
4
5.5
7.5
11
15
22
30
380 to 440 V
5.5
7.5
11
15
18.5
30
37
45
500 to 690 V
7.5
11
22
45
55
AC-3 A
3 Phase
3 Pole
220 to 240 V
2
3
4
5.5
7.5
11
18.5
22
380 to 440 V
3
5.5
7.5
11
18.5
22
30
37
500 to 690 V
5.5
7.5
11
37
45
Short Circuit Capacity (IEC / EN / VDE)
Maximum Fuse Size
(Type gL)
Amperes
A
16
25
25
32
40
63
100
125
Rated Fused Short
Circuit Current
kA
5
5
30
30
30
30
30
30
UL / CSA Power Rating
DOL
3 Phase,
3 Pole
120 V
HP
1.5
1.5
3
3
5
7.5
7.5
7.5
240 V
3
3
7.5
7.5
10
15
15
15
480 V
7.5
7.5
15
20
20
25
30
40
600 V
10
10
20
25
30
30
40
50
1 Phase
120 V
0.5
0.5
1.5
2
3
4.5
3
3
240 V
1.5
1.5
2
3
4
6
7.5
7.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com