Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2-DC3V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # SP2-DC3V
Description  2c 15A, 4c 10A polarized power relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-DC3V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  SP2-DC3V Datasheet HTML 1Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 2Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 3Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 4Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 5Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
SP
ASCTB208E 201202-T
ORDERING INFORMATION
2c 15A, 4c 10A polarized
power relays
SP RELAYS
RoHS compliant
Taking advantage of the 4-gap balanced
armature mechanism, S relays have met
a number of relay needs and earned a
reputation for the characteristics that they
provide. Building on the same structure,
the SP relay was introduced as a high-
sensitivity power relay to provide nominal
operating power of 300 mW and
minimum operating power of 150 mW
(single side stable and 2 coil latching
types). Even so, with the nominal
switching capacity for the 2 Form C at 15
A, and for the 4 Form C at 10 A, high-
capacity switching is possible with small
input. Moreover, taking full advantage of
the excellence of the 4-gap balanced
armature mechanism, we have realized a
small, slim form factor that also has
superior resistance to vibration and
shock. This power relay is often chosen
for NC machines and electrical power
remote monitoring control panels, and for
power supplies used in computers and
other equipment. The SP also often
provides power control for high-end
business and industrial equipment.
FEATURES
1. Small, slim form factor
Facilitating the form factor reduction of
devices, the overall height of the relay
package is less than half that of our HP
relay.
2. High sensitivity
The high-efficiency polarized
electromagnetic mechanism in
conjunction with our exclusive spring
alignment method achieves levels of
sensitivity higher than relays that have
been available up to now. For both the
2 Form C and 4 Form C single side
stable and 2 coil latching types, the
150 mW minimum operating power
level allows direct driving by transistor
or chip controllers.
3. High reliability and long life
With a structure that ensures almost
perfectly complete twin contact and
minimal contact bounce, you get
greater reliability than has so far been
provided by power relays.
4. Latching types also available
1 coil latching and 2 coil latching types
are available. In cases where it was
formerly unavoidable to use plural
relays for large power memory, you
can now use a single SP relay.
5. Strong resistance to vibration and
shock
Our balanced armature technology
well withstands vibration and shocks. It
provides strong resistance to vibration
and shock.
6. Terminals and mounting boards are
available.
Nominal coil voltage
DC 3, 5, 6, 12, 24, 48 V
Contact arrangement
2: 2 Form C
4: 4 Form C
SP
Terminal shape
Nil:
P:
Plug-in type
PC board type
Operating function
Nil:
L:
L2:
Single side stable
1 coil latching
2 coil latching
Notes: 1. PC board type and 1 coil latching type are manufactured by lot upon receipt of order.
2. Certified by UL, CSA and TÜV


Similar Part No. - SP2-DC3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP2-DC3V PANASONIC-SP2-DC3V Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP2-DC3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
Flat Relays that Switch 10A/15A Loads Power
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com