Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2803 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2803
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2803 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2803 Datasheet HTML 1Page - Allegro MicroSystems 2803 Datasheet HTML 2Page - Allegro MicroSystems 2803 Datasheet HTML 3Page - Allegro MicroSystems 2803 Datasheet HTML 4Page - Allegro MicroSystems 2803 Datasheet HTML 5Page - Allegro MicroSystems 2803 Datasheet HTML 6Page - Allegro MicroSystems 2803 Datasheet HTML 7Page - Allegro MicroSystems 2803 Datasheet HTML 8Page - Allegro MicroSystems 2803 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2803 THRU 2824
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ULx28x4A/LW (Each Driver)
COM
7.2K
3K
2.7K
Dwg. No. A-9898A
Dwg. No. A-9651
COM
7.2K
3K
10.5K
W
Copyright © 1977, 1999 Allegro MicroSystems, Inc.
VCE(MAX)
50 V
95 V
IC(MAX)
500 mA
500 mA
Logic
Part Number
5V
ULN2803A*
ULN2823A*
TTL, CMOS
ULN2803LW*
ULN2823LW
6-15 V
ULN2804A*
ULN2824A*
CMOS, PMOS
ULN2804LW*
ULN2824LW
* Also available for operation between -40
°C and +85°C. To order, change
prefix from ‘ULN’ to ‘ULQ’.
DEVICE PART NUMBER DESIGNATION
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-018B
SUFFIX 'A', R
= 60
°C/W
θJA
SUFFIX 'LW', R
= 80
°C/W
θJA
ULx28x3A/LW (Each Driver)
PARTIAL SCHEMATICS
x = Character to identify specific device. Specification shown applies to
family of devices with remaining digits as shown. See matrix above.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com