Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTJZP103JA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERTJZP103JA
Description  Multilayer NTC Thermistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERTJZP103JA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERTJZP103JA Datasheet HTML 1Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 2Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 3Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 4Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 5Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 6Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 7Page - Panasonic Semiconductor ERTJZP103JA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 364 –
L
T
W
L1
L2
E
C
D
A
W2
W1
100 min.
Vacant position
Top cover tape
400 min.
160 min.
Vacant position
t
P1 P2
P0
K0
φD0
A
Tape running direction
Chip component
Feeding hole
Chip pocket
t2
Chip component
Feeding hole
Chip pocket
φD0
P1
P2
P0
Tape running direction
A
t1
t1
P1 P2
P0
Tape running direction
t2
Chip component
Feeding hole
Chip pocket
φD0
A
■ Dimensions in mm (not to scale)
Size Code (EIA)
LWT
L1, L2
Z(0201)
0.60±0.03
0.30±0.03
0.30±0.03
0.15±0.05
0(0402)
1.0±0.1
0.50±0.05
0.50±0.05
0.25±0.15
1(0603)
1.60±0.15
0.8±0.1
0.8±0.1
0.3±0.2
■ Packaging Methods
● Standard Packing Quantities
● Reel for Taping
Symbol
φA
φB
CD
E
W1
W2
Dim.
(mm)
180–3
60.0
+1.0 13.0±0.5 21.0 ±0.8 2.0 ±0.5 9.0+1.0 11.4±1.0
0
Taped end
● Leader Part and Taped End
Leader part
(Unit : mm)
● Pitch 2 mm (Pressed Carrier Taping) : Size 0201
● Pitch 2 mm (Punched Carrier Taping) : Size 0402
● Pitch 4 mm (Punched Carrier Taping) : Size 0603
Symbol
AB
W
F
E
P1
P2
P0
φD0 t1
t2
Dim.
(mm)
1.0
±0.1
1.8
±0.1
8.0
±0.2
3.50
±0.05
1.75
±0.10
4.0
±0.1
2.00
±0.05
4.0
±0.1
1.5+0.1
0
1.1
max.
1.4
max.
Symbol
AB
W
F
E
P1
P2
P0
φD0 t1
t2
Dim.
(mm)
0.62
±0.05
1.12
±0.05
8.0
±0.2
3.50
±0.05
1.75
±0.10
2.00
±0.05
2.00
±0.05
4.0
±0.1
1.5+0.1
0
0.7
max.
1.0
max.
Symbol
AB
W
F
E
P1
P2
P0
φD0
tK0
Dim.
(mm)
0.36
±0.03
0.66
±0.03
8.0
±0.2
3.50
±0.05
1.75
±0.10
2.00
±0.05
2.00
±0.05
4.0
±0.1
1.5+0.1
0
0.55
max.
0.36
±0.03
(Unit : mm)
■ Minimum Quantity / Packing Unit
0
0
Size
Code
Thickness
(mm)
Kind of Taping
Pitch
(mm)
Quantity
(pcs./reel)
Z(0201)
0.3
Pressed Carrier Taping
2
15,000
0(0402)
0.5
Punched Carrier Taping
2
10,000
1(0603)
0.8
4
4,000
Part Number
(Size)
Minimum Quantity
/ Packing Unit
Packing Quantity
in Carton
Carton
L W H (mm)
ERTJZ
(0201)
15,000
300,000
250 200 200
ERTJ0
(0402)
10,000
200,000
250 200 200
ERTJ1
(0603)
4,000
80,000
250 200 200
Part No., quantity and country of origin are designated
on outer packages in English.
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com