Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

751-008 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 751-008
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

751-008 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 751-008 Datasheet HTML 17Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 18Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 19Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 20Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 21Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 22Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 23Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 24Page - List of Unclassifed Manufacturers 751-008 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
21
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 10
Permanent marker with chisel tip,
permanent, low-odour ink.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-10xxx*
004
003
002
001
~2–5 mm
edding 20
Permanent marker with bullet tip,
permanent, low-odour ink.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-20xxx*
004
003
002
001
~1.5–3 mm
edding 8400 cd/dvd marker
CD/DVD marker with fine, soft bullet tip,
permanent, lightfast and smudge-proof
water-based ink,to protect the data storage layer.
For permanent lettering on CD blanks,
CD-ROMs and DVDs.
Recommended by Sony CPCE.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-8400xxx*
Colours assorted:
5x 001, 2x 002, 2x 003, 1x 004.
Order no.
Box of 10.
4-8400999
8400/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-8400-4
CD/DVD MARKERS
Permanent and non-permanent water-based ink that will not damage the surface of your CD/DVDs. For unbeatable
data security. Soft and flexible tips. Good ink opacity.
004
003
002
001
~0.5–1 mm
edding 8500 RW cd/dvd marker non-permanent
CD/DVD marker with soft bullet tip,
non-permanent water-based ink,
to protect the data storage layer.
For non-permanent lettering on CD blanks,
CD-ROMs, CD-RWs and DVDs.
Writing can be wiped off without a trace
using a soft, damp cloth.
Colour: 001.
Order no.
Box of 10.
4-8500001
001
~1 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com