Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDN2916EB Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UDN2916EB
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2916EB Datasheet(HTML) 4 Page - Allegro MicroSystems

  UDN2916EB Datasheet HTML 1Page - Allegro MicroSystems UDN2916EB Datasheet HTML 2Page - Allegro MicroSystems UDN2916EB Datasheet HTML 3Page - Allegro MicroSystems UDN2916EB Datasheet HTML 4Page - Allegro MicroSystems UDN2916EB Datasheet HTML 5Page - Allegro MicroSystems UDN2916EB Datasheet HTML 6Page - Allegro MicroSystems UDN2916EB Datasheet HTML 7Page - Allegro MicroSystems UDN2916EB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2916
DUAL FULL-BRIDGE
MOTOR DRIVER
4
APPLICATIONS INFORMATION
PWM CURRENT CONTROL
The UDN2916B/EB/LB dual bridges are designed to
drive both windings of a bipolar stepper motor. Output
current is sensed and controlled independently in each
bridge by an external sense resistor (R
S), internal com-
parator, and monostable multivibrator.
When the bridge is turned ON, current increases in
the motor winding and it is sensed by the external sense
resistor until the sense voltage (V
SENSE) reaches the level
set at the comparator’s input:
I
TRIP = VREF/10 RS
The comparator then triggers the monostable which
turns OFF the source driver of the bridge. The actual
load current peak will be slightly higher than the trip point
(especially for low-inductance loads) because of the
internal logic and switching delays. This delay (t
d) is
typically 2 µs. After turn-off, the motor current decays,
circulating through the ground-clamp diode and sink
transistor. The source driver’s OFF time (and therefore
the magnitude of the current decrease) is determined by
the monostable’s external RC timing components, where
t
off = RTCT within the range of 20 kΩ to 100 kΩ and
100 pF to 1000 pF.
The fixed-off time should be short enough to keep
the current chopping above the audible range (< 46 µs)
and long enough to properly regulate the current. Be-
cause only slow-decay current control is available, short
off times (< 10 µs) require additional efforts to ensure
proper current regulation. Factors that can negatively
affect the ability to properly regulate the current when
using short off times include: higher motor-supply volt-
age, light load, and longer than necessary blank time.
When the source driver is re-enabled, the winding
current (the sense voltage) is again allowed to rise to the
comparator’s threshold. This cycle repeats itself, main-
taining the average motor winding current at the desired
level.
Loads with high distributed capaci-tances may
result in high turn-ON current peaks. This peak (appear-
ing across R
S) will attempt to trip the comparator, result-
ing in erroneous current control or high-frequency
oscillations. An external R
CCC time delay should be used
to further delay the action of the comparator. Depending
on load type, many applications will not require these
external components (SENSE connected to E).
PWM OUTPUT CURRENT WAVE FORM
LOAD CURRENT PATHS
+
–
0
Dwg. W M-003-1A
V PHAS E
I
OUT
td
toff
I TR IP
Dwg. E P -006-1
R S
BB
V
BR IDG E ON
SOUR C E OF F
ALL OF F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com