Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4-250-4 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 4-250-4
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-250-4 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 4-250-4 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 36Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-250-4 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
39
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 4500 T-shirt marker
T-shirt marker with bullet tip,
lightfast, water-based pigment ink
with neutral smell.
Colours: 001–012, 016, 019, 033, 034
and neon colours: 065, 066, 068, 069.
Order no.
Box of 10 in each colour.
4-4500xxx*
Colours assorted: 001–005,
007, 008, 010, 011, 065.
Order no.
Box of 10.
4-4500999
4500/5 S Set with 5 markers.
Order no.
Colours: 001–005.
4-4500-5
edding 4600 T-shirt pen
T-Shirt Pen with bullet tip,
lightfast, water-based pigment ink
with neutral smell.
Colours: 001–012, 016, 019, 033, 034
and neon colours: 065, 066, 068, 069.
Order no.
Box of 10 in each colour.
4-4600xxx*
Colours assorted: 001–008, 010, 065.
Order no.
Box of 10.
4-4600999
4600/10 S Set with 10 pens.
Order no.
Colours: 001–010.
4-4600-10
~1 mm
TEXTILE MARKERS
For colouring, decorating, marking, signing and labelling almost all textiles not treated with a chemical finish
(cotton, silk, linen, etc.). Wash-resistant up to 60°C after fixing. Iron without steam to fix. High degree of
lightfastness. Quick-drying.
~2–3 mm
edding 4090 window marker
Window marker with chisel tip,
water-based liquid chalk with
a neutral smell, wipes off with a
damp cloth from virtually all
non-porous surfaces.
Colours: 001–004, 007, 011, 049
and neon colours: 065, 066, 069.
Order no.
Box of 5 in each colour.
4-4090xxx*
edding 4095 window marker
Window marker with bullet tip,
water-based liquid chalk with a neutral smell,
wipes off with a damp cloth from virtually
all non-porous surfaces.
Colours: 001–004, 011, 049
and neon colours: 065, 066, 069.
Order no.
Box of 10 in each colour.
4-4095xxx*
~2–3 mm
WINDOW MARKERS
For colouring, decorating, marking and writing on windows, glass and other sealed surfaces. Highly opaque, even
on dark and transparent surfaces. Ink flow regulated by a special valve.
069
066
065
049
011
007
004
003
002
001
069
066
065
049
011
004
003
002
001
~4–15 mm
009
008
007
010
006
005
004
003
002
001
068
066
065
069
034
033
019
016
012
011
009
008
007
010
006
005
004
003
002
001
068
066
065
069
034
033
019
016
012
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com