Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4-383-4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 4-383-4
Description  Every edding a specialist
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-383-4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 4-383-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
7
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
Carton/Paper
Glass
Plastic
Wood
Foil
Metal
Stone
Leather
edding 2000 / 2000 C
Permanent marker with bullet tip,
permanent, low-odour ink.
edding 2000
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-2000xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-2000999
edding 2000 C
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-2000Cxxx*
2000 C/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-2000C-4
3000 N Spare tips.
Order no.
Box of 10.
4-3000N
009
008
007
010
006
005
004
003
002
001
edding 2200 / 2200 C
Permanent marker with chisel tip,
permanent, low-odour ink.
edding 2200
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-2200xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-2200999
edding 2200 C
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-2200Cxxx*
No.1/3300 N Spare tips.
Order no.
Box of 10.
4-3300N
009
008
007
010
006
005
004
003
002
001
~1.5–3 mm
004
003
002
001
004
003
002
001
~1–5 mm
edding No.1
Permanent marker with chisel tip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-1xxx*
No.1/3300 N Spare tips.
Order no.
Box of 10.
4-3300N
004
003
002
001
~1–5 mm
edding comfort 3
Permanent marker with bullet tip
and comfortable rubber grip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-C3xxx*
3000 N Spare tips.
Order no.
Box of 10.
4-3000N
~1.5–3 mm
004
003
002
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com